Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC1G02 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC1G02 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC1G02
Download  74HC1G02 Download
File Size   206.13 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input NOR gate

74HC1G02 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC1G02 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC1G02
Download  74HC1G02 Click to download

File Size   206.13 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-input NOR gate

74HC1G02 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC1G02 Product details

1. General description
The74HC1G02; 74HCT1G02 is a single 2-input NOR gate. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• Symmetrical output impedance
• High noise immunity
• Balanced propagation delays
• Input levels:
• For 74HC1G02: CMOS level
• For 74HCT1G02: TTL level
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• ESD protection:
• HBM JESD22-A114-A exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40° C to +85° C and -40° C to +125° C




Similar Part No. - 74HC1G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G02 PHILIPS-74HC1G02 Datasheet
74Kb / 16P
2-input NOR gate
2002 May 17
74HC1G02 NXP-74HC1G02 Datasheet
75Kb / 10P
2-input NOR gate
Rev. 04-11 July 2007
logo
TECH PUBLIC Electronics...
74HC1G02 TECHPUBLIC-74HC1G02 Datasheet
2Mb / 7P
2-input NOR Gate
logo
Nexperia B.V. All right...
74HC1G02-Q100 NEXPERIA-74HC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
74HC1G02-Q100 NEXPERIA-74HC1G02-Q100 Datasheet
229Kb / 11P
2-input NOR gate
Rev. 4 13 November 2024
More results


Similar Description - 74HC1G02

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com