Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC15 Datasheet (PDF) - List of Unclassifed Manufacturers

SCC15 Datasheet PDF - List of Unclassifed Manufacturers
Part # SCC15
Download  SCC15 Download
File Size   288.24 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Pressure Sensors

SCC15 Datasheet (PDF)

Go To PDF Page Download Datasheet
SCC15 Datasheet PDF - List of Unclassifed Manufacturers

Part # SCC15
Download  SCC15 Click to download

File Size   288.24 Kbytes
Page   5 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Pressure Sensors

SCC15 Datasheet (HTML) - List of Unclassifed Manufacturers


SCC15 Product details

[Sensortechnics GmbH]

GENERAL DESCRIPTION
The SCC series offer an extremely low cost sensor element with a temperature stable output when driven with a constant current source. These integrated circuit sen-sors were designed for extremely cost sensitive applications where precise accuracy over a wide temperature range is not required. This series is intended for use with non-corrosive, non-ionic working fluids such as air and dry gases.

FEATURES
· 0 - 5 to 0 - 300 psi
· Low Cost Sensor Element
· Internal Temperature Compensation
· Differential, Gage and Absolute

APPLICATIONS
· Pneumatic Controls
· Automotive Diagnostics
· Medical Equipment
· Dental Equipment
· Environmental Controls




Similar Part No. - SCC15

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SCC155K122H4-24-F CDE-SCC155K122H4-24-F Datasheet
204Kb / 3P
Dual IGBT Clamp-Snubber Modules
SCC155K122H4-28-F CDE-SCC155K122H4-28-F Datasheet
204Kb / 3P
Dual IGBT Clamp-Snubber Modules
SCC155K601H7-24-F CDE-SCC155K601H7-24-F Datasheet
204Kb / 3P
Dual IGBT Clamp-Snubber Modules
logo
Pancon GmbH
SCC156F-2 PANCON-SCC156F-2 Datasheet
1Mb / 1P
All covers type SCC of the MAS-CON series 100 (pitch .100" resp. 2.54mm) and 156 (pitch .156" resp. 3.96mm)
December 2, 2015
SCC156F-24 PANCON-SCC156F-24 Datasheet
1Mb / 1P
All covers type SCC of the MAS-CON series 100 (pitch .100" resp. 2.54mm) and 156 (pitch .156" resp. 3.96mm)
December 2, 2015
More results


Similar Description - SCC15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
SICK AG
PBT-RB250SG1SEFALA0Z SICK-PBT-RB250SG1SEFALA0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-RB400AN1SE0AMA0Z SICK-PBT-RB400AN1SE0AMA0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
PBT-RB1X0SG1SSNVLC0Z SICK-PBT-RB1X0SG1SSNVLC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
PBT-RB1X0SGTSSNVLC0Z SICK-PBT-RB1X0SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
PBT-RB010SGTSSNVLC0Z SICK-PBT-RB010SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com