Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1430417 Datasheet (PDF) - PHOENIX CONTACT

1430417 Datasheet PDF - PHOENIX CONTACT
Part # 1430417
Download  1430417 Download
File Size   462.27 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MRB-5CON-PG 9-SH - Data connector

1430417 Datasheet (PDF)

Go To PDF Page Download Datasheet
1430417 Datasheet PDF - PHOENIX CONTACT

Part # 1430417
Download  1430417 Click to download

File Size   462.27 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MRB-5CON-PG 9-SH - Data connector

1430417 Datasheet (HTML) - PHOENIX CONTACT


1430417 Product details

Data connector, PROFIBUS, INTERBUS, 5-position, shielded, Plug angled M12, B, Screw
connection, knurl material: Brass, nickel-plated, cable gland Pg9, external cable diameter 6 mm .
.. 8 mm

Your advantages
• Safe use in the field, thanks to a high degree of protection
• Screw connection: proven connection technology for a large selection of different conductors
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1430417

ManufacturerPart #DatasheetDescription
logo
Heyco.
14304 HEYCO-14304 Datasheet
183Kb / 1P
Latches and Strikers
logo
PHOENIX CONTACT
1430420 PHOENIX-1430420 Datasheet
1Mb / 14P
SACC-M12FRB-5CON-PG 9-SH - Data connector
logo
C&D Technologies
1430430 CANDD-1430430 Datasheet
91Kb / 2P
Bobbin Type Inductors
logo
Murata Manufacturing Co...
1430430C MURATA-1430430C Datasheet
497Kb / 2P
Bobbin Type Inductors
1430430C MURATA-1430430C Datasheet
110Kb / 2P
Bobbin Type Inductors
More results


Similar Description - 1430417

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1549845 PHOENIX-1549845 Datasheet
314Kb / 6P
Data connector - SACC-M12MRB-5SC SH IB
1694282 PHOENIX-1694282 Datasheet
97Kb / 6P
Connector - SACC-M12MR-5CON-PG 9-SH
1694266 PHOENIX-1694266 Datasheet
168Kb / 5P
SACC-M12MS-5CON-PG 9-SH
1694318 PHOENIX-1694318 Datasheet
161Kb / 4P
SACC-M12FS-5CON-PG 9-SH
1508365 PHOENIX-1508365 Datasheet
141Kb / 9P
Data connector - SACC-M12FS-5CON-PG 9 SH AU
09/11/2020
1500774 PHOENIX-1500774 Datasheet
574Kb / 15P
SACC-M12MS-5CON-PG 9 - Connector
1508352 PHOENIX-1508352 Datasheet
525Kb / 15P
SACC-M12MS-5CON-PG 9 SH AU - Data connector
1424679 PHOENIX-1424679 Datasheet
626Kb / 18P
SACC-M12MRB-2PL SH PB - Data connector
1430420 PHOENIX-1430420 Datasheet
1Mb / 14P
SACC-M12FRB-5CON-PG 9-SH - Data connector
1430433 PHOENIX-1430433 Datasheet
1Mb / 15P
SACC-M12FR-5CON-PG 9-SH - Connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com