Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIMN32X Datasheet (PDF) - Nexperia B.V. All rights reserved

PIMN32X Datasheet PDF - Nexperia B.V. All rights reserved
Part # PIMN32X
Download  PIMN32X Download
File Size   259.12 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ

PIMN32X Datasheet (PDF)

Go To PDF Page Download Datasheet
PIMN32X Datasheet PDF - Nexperia B.V. All rights reserved

Part # PIMN32X
Download  PIMN32X Click to download

File Size   259.12 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ

PIMN32X Datasheet (HTML) - Nexperia B.V. All rights reserved


PIMN32X Product details

1. General description
NPN/NPN Resistor-Equipped double Transistor (RET) in a small SOT457 (SC-74) Surface-
Mounted Device (SMD) plastic package.
PNP/PNP complement: PIMP32
NPN/PNP complement: PIMC32

2. Features and benefits
• 500 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs

3. Applications
• Digital applications
• Cost-saving alternative to BC817 series in digital applications
• Control of IC inputs
• Switching loads




Similar Part No. - PIMN32X

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PIMN32-Q NEXPERIA-PIMN32-Q Datasheet
260Kb / 12P
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMN32-QX NEXPERIA-PIMN32-QX Datasheet
260Kb / 12P
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
More results


Similar Description - PIMN32X

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTD123YT-Q NEXPERIA-PDTD123YT-Q Datasheet
221Kb / 11P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
22 July 2022
PDTB123YT-Q NEXPERIA-PDTB123YT-Q Datasheet
222Kb / 10P
PNP 500 mA, 50 V resistor-equipped transistor; R1 = 2.2 kΩ, R2 = 10 kΩ
25 February 2022
PDTD113ZT NEXPERIA-PDTD113ZT Datasheet
897Kb / 8P
50 V, 500 mA NPN resistor-equipped transistor; R1 = 1 kΩ, R2 = 10 kΩ
1 January 2023
PDTD123E_SER NEXPERIA-PDTD123E_SER Datasheet
245Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
Rev. 02 - 16 November 2009
PDTD123Y_SER NEXPERIA-PDTD123Y_SER Datasheet
246Kb / 11P
NPN 500 mA, 50 V resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 10 kΩ
Rev. 02 - 16 November 2009
PIMC32-Q NEXPERIA-PIMC32-Q Datasheet
298Kb / 14P
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMN32-Q NEXPERIA-PIMN32-Q Datasheet
260Kb / 12P
50 V, 500 mA NPN/NPN Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMP32-Q NEXPERIA-PIMP32-Q Datasheet
267Kb / 12P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMC32 NEXPERIA-PIMC32 Datasheet
298Kb / 14P
50 V, 500 mA NPN/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
PIMP32 NEXPERIA-PIMP32 Datasheet
265Kb / 11P
50 V, 500 mA PNP/PNP Resistor-Equipped double Transistor (RET); R1 = 2.2 kΩ, R2 = 10 kΩ
16 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com