Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPC804M101JDH20 Datasheet (PDF) - NXP Semiconductors

LPC804M101JDH20 Datasheet PDF - NXP Semiconductors
Part # LPC804M101JDH20
Download  LPC804M101JDH20 Download
File Size   2004.03 Kbytes
Page   89 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit

LPC804M101JDH20 Datasheet (PDF)

Go To PDF Page Download Datasheet
LPC804M101JDH20 Datasheet PDF - NXP Semiconductors

Part # LPC804M101JDH20
Download  LPC804M101JDH20 Click to download

File Size   2004.03 Kbytes
Page   89 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 32-bit Arm® Cortex®-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit

LPC804M101JDH20 Datasheet (HTML) - NXP Semiconductors


LPC804M101JDH20 Product details

1. General description
The LPC804 are an ArmCortex-M0+ based, low-cost 32-bit MCU family operating at CPU
frequencies of up to 15 MHz. The LPC804 supports 32 KB of flash memory and 4 KB of
SRAM.
The peripheral complement of the LPC804 includes a CRC engine, two I2C-bus
interfaces, up to two USARTs, one SPI interface, Capacitive Touch Interface (Cap Touch),
one multi-rate timer, self-wake-up timer, one general purpose 32-bit counter/timer, one
12-bit ADC, one 10-bit DAC, one analog comparator, function-configurable I/O ports
through a switch matrix, an input pattern match engine, Programmable Logic Unit (PLU),
and up to 30 general-purpose I/O pins.

Features and benefits
 System:
 Arm Cortex-M0+ processor (revision r0p1), running at frequencies of up to 15 MHz
with single-cycle multiplier and fast single-cycle I/O port.
 Arm Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
 System tick timer.
 AHB multilayer matrix.
 Serial Wire Debug (SWD) with four break points and two watch points. JTAG
boundary scan (BSDL) supported.
 Memory:
 Up to 32 KB on-chip EEPROM based flash programming memory.
 Code Read Protection (CRP).
 4 KB SRAM.
 Dual I/O power (LPC804M111JDH24):
 Independent supplies on each package side permitting level-shifting signals from
one off-chip voltage domain to another and/or interfacing directly to off-chip
peripherals operating at different supply levels.
 The switch matrix provides level shifter functionality to allow up to two selected
signals to be routed from user-selected pins in one voltage domain to selected pins
in the alternate domain. This feature can also be used on a single supply device if
voltage level shifting is not required.
 ROM API support:
 Boot loader.
 Supports Flash In-Application Programming (IAP).
 Supports In-System Programming (ISP) through USART.
 On-chip ROM APIs for integer divide.
 Free Running Oscillator (FRO) API.
 Digital peripherals:
 High-speed GPIO interface connected to the Arm Cortex-M0+ I/O bus with up to 30
General-Purpose I/O (GPIO) pins with configurable pull-up/pull-down resistors,
programmable open-drain mode, and input inverter. GPIO direction control
supports independent set/clear/toggle of individual bits.
 High-current source output driver (20 mA) on five pins.
 GPIO interrupt generation capability with boolean pattern-matching feature on eight
GPIO inputs.
 Switch matrix for flexible configuration of each I/O pin function.
 CRC engine.
 Capacitive Touch Interface.
 Programmable Logic Unit (PLU) to create small combinatorial and/or sequential
logic networks including simple state machines.
 Timers:
 One 32-bit general purpose counter/timer, with four match outputs and three
capture inputs. Supports PWM mode, and external count
 Four channel Multi-Rate Timer (MRT) for repetitive interrupt generation at up to
four programmable, fixed rates.
 Self-Wake-up Timer (WKT) clocked from either Free Running Oscillator (FRO), a
low-power, low-frequency internal oscillator, or an external clock input.
 Windowed Watchdog timer (WWDT).
 Analog peripherals:
 One 12-bit ADC with up to 12 input channels with multiple internal and external
trigger inputs and with sample rates of up to 480 Ksamples/s. The ADC supports
two independent conversion sequences.
 Comparator with five input pins and external or internal reference voltage.
 One 10-bit DAC.
 Serial peripherals:
 Two USART interfaces with pin functions assigned through the switch matrix and
one fractional baud rate generators.
 One SPI controllers with pin functions assigned through the switch matrix.
 Two I2C-bus interface. It supports data rates up to 400 kbit/s on standard digital
pins.
 Clock generation:
 Free Running Oscillator (FRO). This oscillator provides a selectable
9 MHz, 12 MHz and 15 MHz outputs that can be used as a system clock. The FRO
is trimmed to ±1 % accuracy over the entire voltage and temperature range of 0 C
to 70 C.
 1 MHz low power oscillator can be used as a clock source.
 Clock output function with divider that can reflect all internal clock sources.
 Power control:
 Reduced power modes: sleep mode, deep-sleep mode, power-down mode, and
deep power-down mode.
 Wake-up from deep-sleep and power-down modes on activity on USART, SPI, and
I2C peripherals.
 Wake-up from deep power-down mode on multiple pins.
 Timer-controlled self wake-up from sleep, deep-sleep, and power-down modes.
 Power-On Reset (POR).
 Brownout detect (BOD).
 Unique device serial number for identification.
 Single power supply (1.71 V to 3.6 V).
 Operating temperature range -40 °C to +105 °C.
 Available in WLCSP20, TSSOP20, TSSOP24, and HVQFN33 packages.

3. Applications
 Sensor gateways
 Industrial
 Gaming controllers
 8/16-bit applications
 Consumer
 Climate control
 Simple motor control
 Portables and wearables
 Lighting
 Motor control
 Fire and security applications




Similar Part No. - LPC804M101JDH20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC804M101JDH20 NXP-LPC804M101JDH20 Datasheet
3Mb / 89P
32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev.2.0-21 September2021
More results


Similar Description - LPC804M101JDH20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC82X PHILIPS-LPC82X_15 Datasheet
1Mb / 81P
32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1-1 October 2014
LPC11E6X NXP-LPC11E6X Datasheet
2Mb / 90P
32-bit ARM Cortex-M0 microcontroller; up to 256 kB flash and 36 kB SRAM; 4 kB EEPROM; 12-bit ADC
Rev.1.5-12 August 2020
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
LPC804 NXP-LPC804_V01 Datasheet
3Mb / 89P
32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
Rev.2.0-21 September2021
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
LPC86X NXP-LPC86X Datasheet
1Mb / 99P
32-bit Arm® Cortex®-M0 microcontroller; up to 64 KB flash and 8 KB SRAM; 12-bit ADC; Comparator; FlexTimers
Rev. 3 - 28 April 2023
LPC82X NXP-LPC82X_V01 Datasheet
2Mb / 85P
32-bit ARM® Cortex®-M0 microcontroller; up to 32 kB flash and 8 kB SRAM; 12-bit ADC; comparator
Rev. 1.5 - 7 February 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com