Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR5510 Datasheet (PDF) - NXP Semiconductors

VR5510 Datasheet PDF - NXP Semiconductors
Part # VR5510_V02
Download  VR5510 Download
File Size   2564.1 Kbytes
Page   203 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Multi-output PMIC with SMPS and LDO

VR5510 Datasheet (PDF)

Go To PDF Page Download Datasheet
VR5510 Datasheet PDF - NXP Semiconductors

Part # VR5510_V02
Download  VR5510 Click to download

File Size   2564.1 Kbytes
Page   203 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Multi-output PMIC with SMPS and LDO

VR5510 Datasheet (HTML) - NXP Semiconductors


VR5510 Product details

1 General description
The VR5510 is an automotive multi-output power management IC that focuses on gateway, in-vehicle networks, domain controllers, telematics, and vehicle-to-x (V2X) communications. The device includes multiple highefficiency switch modes and linear voltage regulators. It offers external frequency synchronization on inputs and outputs for optimized system electromagnetic compatibility (EMC) performance. The VR5510 includes enhanced safety features with fail-safe outputs. The device covers automotive safety integrity level (ASIL) B and ASIL D safety integrity levels. It complies with the ISO 26262 standard and is qualified in accordance with AEC-Q100 rev H (Grade1, MSL3). The VR5510 can be fully utilized in safetyoriented system partitioning and can also be configured to operate as a nonsafety quality management (QM) version part.
The VR5510 is available in several versions that support various safety applications and offer numerous choices with respect to the number of output rails, output voltage settings, operating frequencies, and power-up sequencing.

3 Features and benefits
• 60 VDC maximum input voltage
• VPRE synchronous buck controller with external MOSFETs; configurable output voltage, switching frequency,
and current capability up to 10 A
• Low-voltage integrated synchronous BUCK1 and BUCK2 converters dedicated to MCU core supply with SVS/
DVS capability; configurable output voltage and current capability up to 3.6 A peak; dual-phase operation to
extend the current capability up to 7.2 A peak
• Low-voltage integrated synchronous BUCK3 converter; configurable output voltage and current capability up
to 3.6 A peak
• BOOST converter with integrated low-side switch; configurable output voltage and input current capability up
to 2.25 A peak
• 3x linear voltage regulators (LDOx) for MCU IOs, double-data rate (DDR) and analog-to-digital converter
(ADC) supplies; configurable output voltage and current capability up to 400 mA
• High-voltage linear regulator (HVLDO) with current capability up to 10 mA in low dropout (LDO) mode and 100
mA in Switch mode
• EMC optimization techniques, including switch-mode power supply (SMPS) frequency synchronization,
spread spectrum, slew rate control, manual frequency tuning
• Low-power standby mode with very low quiescent current (35 μA with VPRE and HVLDO on)
• 2x input pins for wake-up detection and battery voltage sense
• Device control via I2C interface with cyclic redundancy check (CRC) (up to 3.4 MHz)
• Dual device operation possible via dedicated synchronization pin
• Scalable portfolio from QM to ASIL B to ASIL D with independent monitoring circuitry, dedicated interface for
MCU monitoring, simple and challenger watchdog function, power good, Reset and Interrupt, built-in self-test
(BIST), fail-safe output
• Configuration by one-time programmable (OTP) programming; prototype enablement to support custom setting during project development in engineering mode

4 Applications
• Gateway
• In-vehicle Networks
• Domain controllers
• Telematics
• V2X communications




Similar Part No. - VR5510_V02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
VR5510 NXP-VR5510_V03 Datasheet
2Mb / 200P
Multi-output PMIC with SMPS and LDO
Rev. 7.0 - 2 October 2024
More results


Similar Description - VR5510_V02

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
NXP Semiconductors
VR5510 NXP-VR5510 Datasheet
2Mb / 203P
Multi-Output PMIC with SMPS and LDO
VR5500 NXP-VR5500 Datasheet
1Mb / 131P
High voltage PMIC with multiple SMPS and LDO
Rev. 6-29 January 2020
FS5502 NXP-FS5502 Datasheet
1Mb / 113P
High voltage PMIC with multiple SMPS and LDO
Rev. 4-27 October 2021
VR5510 NXP-VR5510_V01 Datasheet
2Mb / 194P
Multi-Output PMIC with SMPS and LDO
Rev. 5-6 April 2022
logo
Renesas Technology Corp
SLG51001 RENESAS-SLG51001 Datasheet
767Kb / 25P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
10-May-2022
SLG51002 RENESAS-SLG51002 Datasheet
748Kb / 36P
PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
12-Sep-2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com