Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

501258000 Datasheet (PDF) - Molex Electronics Ltd.

501258000 Datasheet PDF - Molex Electronics Ltd.
Part # 501258000
Download  501258000 Download
File Size   134.94 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PICOBLADE PRECRIMP 28AWG BK M-S L=300 Sn

501258000 Datasheet (PDF)

Go To PDF Page Download Datasheet
501258000 Datasheet PDF - Molex Electronics Ltd.

Part # 501258000
Download  501258000 Click to download

File Size   134.94 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PICOBLADE PRECRIMP 28AWG BK M-S L=300 Sn

501258000 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 501258000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501258000 MOLEX-501258000 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 26AWG BK M-M L=300 Sn
2019/12/30
501258000 MOLEX-501258000 Datasheet
135Kb / 1P
PICOBLADE PRECRIMP 26AWG BK M-S L=450 Sn
2020/02/10
501258000 MOLEX-501258000 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 26AWG RD M-M L=450 Sn
2019/12/30
501258000 MOLEX-501258000 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 26AWG BK M-M L=75 Sn
2019/12/30
501258000 MOLEX-501258000 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 28AWG BK M-S L=75 Sn
2020/02/10
More results


Similar Description - 501258000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2149221214 MOLEX-2149221214 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 26AWG BK M-M L=300 Sn
2019/12/30
2149231215 MOLEX-2149231215 Datasheet
135Kb / 1P
PICOBLADE PRECRIMP 26AWG BK M-S L=450 Sn
2020/02/10
2149211124 MOLEX-2149211124 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 28AWG RD F-S L=300 Sn
2020/02/10
2149211214 MOLEX-2149211214 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 26AWG BK F-S L=300 Sn
2020/02/10
2149201214 MOLEX-2149201214 Datasheet
133Kb / 1P
PICOBLADE PRECRIMP 26AWG BK F-F L=300 Sn
2019/12/30
2149211111 MOLEX-2149211111 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 28AWG BK F-S L=75 Sn
2020/02/10
2149212111 MOLEX-2149212111 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 28AWG BK F-S L=75 Au
2020/02/10
2149221211 MOLEX-2149221211 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 26AWG BK M-M L=75 Sn
2019/12/30
2149231111 MOLEX-2149231111 Datasheet
134Kb / 1P
PICOBLADE PRECRIMP 28AWG BK M-S L=75 Sn
2020/02/10
2149231211 MOLEX-2149231211 Datasheet
135Kb / 1P
PICOBLADE PRECRIMP 26AWG BK M-S L=75 Sn
2020/02/10
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com