Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEF4051B Datasheet (PDF) - Nexperia B.V. All rights reserved

HEF4051B Datasheet PDF - Nexperia B.V. All rights reserved
Part # HEF4051B
Download  HEF4051B Download
File Size   293.55 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-channel analog multiplexer/demultiplexer

HEF4051B Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4051B Datasheet PDF - Nexperia B.V. All rights reserved

Part # HEF4051B
Download  HEF4051B Click to download

File Size   293.55 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-channel analog multiplexer/demultiplexer

HEF4051B Datasheet (HTML) - Nexperia B.V. All rights reserved


HEF4051B Product details

1. General description
The HEF4051B is a single-pole octal-throw analog switch (SP8T) suitable for use in analog or
digital 8:1 multiplexer/demultiplexer applications. The switch features three digital select inputs
(S1, S2 and S3), eight independent inputs/outputs (Yn), a common input/output (Z) and a digital
enable input (E). When E is HIGH, the switches are turned off. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 3.0 V to 15.0 V
• CMOS low power dissipation
• High noise immunity
• Fully static operation
• 5 V, 10 V, and 15 V parametric ratings
• Standardized symmetrical output characteristics
• Complies with JEDEC standard JESD 13-B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM EIA/JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Analog multiplexing and demultiplexing
• Digital multiplexing and demultiplexing
• Signal gating




Similar Part No. - HEF4051B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4051B PHILIPS-HEF4051B Datasheet
121Kb / 9P
8-channel analogue multiplexer/demultiplexer
January 1995
HEF4051B-Q100 NXP-HEF4051B-Q100 Datasheet
1Mb / 2P
NXP Logic ??Q100 logic portfolio
HEF4051B-Q100 PHILIPS-HEF4051B-Q100 Datasheet
196Kb / 21P
8-channel analog multiplexer/demultiplexer
Rev. 2-11 September 2014
logo
Nexperia B.V. All right...
HEF4051B-Q100 NEXPERIA-HEF4051B-Q100 Datasheet
292Kb / 18P
8-channel analog multiplexer/demultiplexer
Rev. 3 - 29 July 2021
logo
NXP Semiconductors
HEF4051BD PHILIPS-HEF4051BD Datasheet
121Kb / 9P
8-channel analogue multiplexer/demultiplexer
January 1995
More results


Similar Description - HEF4051B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
8-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A Datasheet
125Kb / 12P
8-channel Analog Multiplexer / Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com