Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDI1284P11DGG Datasheet (PDF) - Nexperia B.V. All rights reserved

PDI1284P11DGG Datasheet PDF - Nexperia B.V. All rights reserved
Part # PDI1284P11DGG
Download  PDI1284P11DGG Download
File Size   237.64 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V parallel interface transceiver/buffer

PDI1284P11DGG Datasheet (PDF)

Go To PDF Page Download Datasheet
PDI1284P11DGG Datasheet PDF - Nexperia B.V. All rights reserved

Part # PDI1284P11DGG
Download  PDI1284P11DGG Click to download

File Size   237.64 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 3.3 V parallel interface transceiver/buffer

PDI1284P11DGG Datasheet (HTML) - Nexperia B.V. All rights reserved


PDI1284P11DGG Product details

1. General description
The PDI1284P11 parallel interface chip is designed to provide an asynchronous, 8-bit, bidirectional,
parallel interface for personal computers. The PDI1284P11 includes all 19 signal lines defined by
the IEEE 1284 interface specification for Byte, Nibble, EPP, and ECP modes. The PDI1284P11 is
designed for hosts or peripherals operating at 3.3 V to interface 3.3 V or 5.0 V devices.
The eight transceiver pairs (A/B 1 to 8) allow data transmission from the A-bus to the B-bus, or
from the B-bus to the A-bus, depending on the state of the direction pin DIR.
The B-bus and the Y9 to Y13 lines have either totem pole or resistor pull-up outputs, depending on
the state of the high drive enable pin HD. The A-bus has only totem pole style outputs. All inputs
are TTL compatible with at least 400 mV of input hysteresis at VCC = 3.3 V.
2. Features and benefits
• Asynchronous operation
• 8-bit transceivers
• Six additional buffer/driver lines peripheral to cable
• Five additional control lines from cable
• 5 V tolerant
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Latch-up current protection exceeds 500 mA per JEDEC Std 19
• Input hysteresis
• Low-noise operation
• IEEE 1284 compliant level 1 and 2
• Overvoltage protection on B/Y side for off-state
• A side 3-state option
• B side active or resistive pull-up option
• Cable side supply voltage for 5 V or 3 V operation




Similar Part No. - PDI1284P11DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1284P11DGG PHILIPS-PDI1284P11DGG Datasheet
140Kb / 12P
3.3V Parallel interface transceiver/buffer
1999 Sep 17
PDI1284P11DGG NXP-PDI1284P11DGG Datasheet
99Kb / 16P
3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
More results


Similar Description - PDI1284P11DGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1284 PHILIPS-74HCT1284 Datasheet
138Kb / 12P
Parallel printer interface transceiver/buffer
1998 Jul 10
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
PDI1284P11 PHILIPS-PDI1284P11 Datasheet
140Kb / 12P
3.3V Parallel interface transceiver/buffer
1999 Sep 17
logo
Motorola, Inc
MPC962308 MOTOROLA-MPC962308 Datasheet
414Kb / 12P
3.3 V Zero Delay Buffer
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Texas Instruments
SN65HVD233-EP TI-SN65HVD233-EP Datasheet
461Kb / 24P
3.3-V CAN TRANSCEIVER
logo
ON Semiconductor
AMIS-42673 ONSEMI-AMIS-42673 Datasheet
159Kb / 11P
High-Speed 3.3 V Digital Interface CAN Transceiver
January, 2009 ??Rev. 3
logo
STMicroelectronics
STUSB06E STMICROELECTRONICS-STUSB06E Datasheet
262Kb / 20P
3.3 V USB transceiver
04-Dec-2008
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_13 Datasheet
504Kb / 17P
3.3 V Zero Delay Buffer
logo
Texas Instruments
SN65HVD233-HT TI1-SN65HVD233-HT Datasheet
676Kb / 32P
3.3-V CAN TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com