Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC7WH14GT Datasheet (PDF) - Nexperia B.V. All rights reserved

XC7WH14GT Datasheet PDF - Nexperia B.V. All rights reserved
Part # XC7WH14GT
Download  XC7WH14GT Download
File Size   246.08 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple inverting Schmitt trigger

XC7WH14GT Datasheet (PDF)

Go To PDF Page Download Datasheet
XC7WH14GT Datasheet PDF - Nexperia B.V. All rights reserved

Part # XC7WH14GT
Download  XC7WH14GT Click to download

File Size   246.08 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple inverting Schmitt trigger

XC7WH14GT Datasheet (HTML) - Nexperia B.V. All rights reserved


XC7WH14GT Product details

1. General description
The XC7WH14 is a high-speed Si-gate CMOS device. This device provides three inverting buffers
with Schmitt trigger action. This device is capable of transforming slowly changing input signals into
sharply defined, jitter-free output signals.
2. Features and benefits
• Symmetrical output impedance
• High noise immunity
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101D exceeds 1000 V
• Low power dissipation
• Balanced propagation delays
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3. Applications
• Wave and pulse shaper for highly noisy environment
• Astable multivibrator
• Monostable multivibrator




Similar Part No. - XC7WH14GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XC7WH14 PHILIPS-XC7WH14 Datasheet
139Kb / 18P
High-speed Si-gate CMOS device, three inverting buffers with Schmitt trigger action
Rev. 4-3 November 2011
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
Triple inverting Schmitt trigger
Rev. 5-7 February 2013
More results


Similar Description - XC7WH14GT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC3G14 NXP-74HC3G14 Datasheet
109Kb / 18P
Triple inverting Schmitt trigger
Rev. 03-8 May 2009
74AHC_AHCT3G14 PHILIPS-74AHC_AHCT3G14_15 Datasheet
220Kb / 19P
Triple inverting Schmitt trigger
Rev. 8-13 May 2013
74HC_HCT3G14 PHILIPS-74HC_HCT3G14_15 Datasheet
220Kb / 21P
Triple inverting Schmitt trigger
Rev. 5-9 December 2013
XC7WT14 PHILIPS-XC7WT14_15 Datasheet
203Kb / 18P
Triple inverting Schmitt trigger
Rev. 3-23 January 2013
XC7WH14 PHILIPS-XC7WH14_15 Datasheet
209Kb / 18P
Triple inverting Schmitt trigger
Rev. 5-7 February 2013
logo
Nexperia B.V. All right...
74HC3G14-Q100 NEXPERIA-74HC3G14-Q100 Datasheet
249Kb / 15P
Triple inverting Schmitt trigger
XC7WT14 NEXPERIA-XC7WT14 Datasheet
223Kb / 11P
Triple inverting Schmitt trigger
Rev. 5 - 17 May 2021
74HCT3G14-Q100 NEXPERIA-74HCT3G14-Q100 Datasheet
248Kb / 15P
Triple inverting Schmitt trigger
Rev. 3 - 1 February 2019
74HCT3G14 NEXPERIA-74HCT3G14 Datasheet
248Kb / 15P
Triple inverting Schmitt trigger
Rev. 6 - 1 February 2019
74AHCT3G14 NEXPERIA-74AHCT3G14 Datasheet
267Kb / 15P
Triple inverting Schmitt trigger
Rev. 9 - 4 December 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com