Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2183961041 Datasheet (PDF) - Molex Electronics Ltd.

2183961041 Datasheet PDF - Molex Electronics Ltd.
Part # 2183961041
Download  2183961041 Download
File Size   84.68 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PICO-SPOX 1.5 R-R 4CKT 100MM DISC Sn

2183961041 Datasheet (PDF)

Go To PDF Page Download Datasheet
2183961041 Datasheet PDF - Molex Electronics Ltd.

Part # 2183961041
Download  2183961041 Click to download

File Size   84.68 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description PICO-SPOX 1.5 R-R 4CKT 100MM DISC Sn

2183961041 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2183961041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2183961020 MOLEX-2183961020 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 2CKT 50MM DISC Sn
2021/05/31
2183961021 MOLEX-2183961021 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 2CKT 50MM DISC Sn
2021/05/31
2183961022 MOLEX-2183961022 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 2CKT 50MM DISC Sn
2021/05/31
2183961023 MOLEX-2183961023 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 2CKT 50MM DISC Sn
2021/05/31
2183961024 MOLEX-2183961024 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 2CKT 50MM DISC Sn
2021/05/31
More results


Similar Description - 2183961041

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2183961020 MOLEX-2183961020 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 2CKT 50MM DISC Sn
2021/05/31
2183961030 MOLEX-2183961030 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 3CKT 50MM DISC Sn
2021/05/31
2183961060 MOLEX-2183961060 Datasheet
85Kb / 1P
PICO-SPOX 1.5 R-R 6CKT 50MM DISC Sn
2021/05/31
2183961080 MOLEX-2183961080 Datasheet
86Kb / 1P
PICO-SPOX 1.5 R-R 8CKT 50MM DISC Sn
2021/05/31
2183971020 MOLEX-2183971020 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 2CKT 50MM DISC Sn
2021/05/31
2183971030 MOLEX-2183971030 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 3CKT 50MM DISC Sn
2021/05/31
2183971040 MOLEX-2183971040 Datasheet
83Kb / 1P
PICO-SPOX 1.5 R-S 4CKT 50MM DISC Sn
2021/05/31
2183971050 MOLEX-2183971050 Datasheet
84Kb / 1P
PICO-SPOX 1.5 R-S 5CKT 50MM DISC Sn
2021/05/31
2183971060 MOLEX-2183971060 Datasheet
84Kb / 1P
PICO-SPOX 1.5 R-S 6CKT 50MM DISC Sn
2021/05/31
2219581041 MOLEX-2219581041 Datasheet
110Kb / 1P
Clik-Mate 2.0 R-R 4ckt 100mm disc Sn
2022/12/23
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com