Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT3251D Datasheet (PDF) - Nexperia B.V. All rights reserved

CBT3251D Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBT3251D
Download  CBT3251D Download
File Size   227.84 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-of-8 FET multiplexer/demultiplexer

CBT3251D Datasheet (PDF)

Go To PDF Page Download Datasheet
CBT3251D Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBT3251D
Download  CBT3251D Click to download

File Size   227.84 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 1-of-8 FET multiplexer/demultiplexer

CBT3251D Datasheet (HTML) - Nexperia B.V. All rights reserved


CBT3251D Product details

1. General description
The CBT3251 is a single-pole, 8-throw bus switch. The device features an output enable input (OE)
and three select inputs (S0, S1 and S2). When OE is LOW the switch is enabled and the select
inputs can be used to connect the A terminal to one of the eight B terminals.
2. Features and benefits
• 5 Ω switch connection between two ports
• Direct interface with TTL levels
• Overvoltage tolerant control inputs to 5.5 V
• IOFF circuitry provides partial Power-down mode operation
• Minimal propagation delay through the switch
• Latch-up protection exceeds 100 mA per JEDEC standard JESD78 class II level A
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Specified from -40 °C to +85 °C




Similar Part No. - CBT3251D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBT3251D PHILIPS-CBT3251D Datasheet
93Kb / 10P
CBT3251 1-of-8 FET multiplexer/demultiplexer
2002 Sep 09
CBT3251DB PHILIPS-CBT3251DB Datasheet
93Kb / 10P
CBT3251 1-of-8 FET multiplexer/demultiplexer
2002 Sep 09
CBT3251DS PHILIPS-CBT3251DS Datasheet
93Kb / 10P
CBT3251 1-of-8 FET multiplexer/demultiplexer
2002 Sep 09
More results


Similar Description - CBT3251D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
380Kb / 12P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
1-of-8 FET Multiplexer/Demultiplexer
logo
NXP Semiconductors
CBT3251 PHILIPS-CBT3251 Datasheet
93Kb / 10P
CBT3251 1-of-8 FET multiplexer/demultiplexer
2002 Sep 09
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
1-of-8 FET Multiplexer/Demultiplexer
logo
Texas Instruments
74CBTLV3251PWRG4 TI-74CBTLV3251PWRG4 Datasheet
911Kb / 19P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com