Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTD3306 Datasheet (PDF) - Nexperia B.V. All rights reserved

CBTD3306 Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBTD3306
Download  CBTD3306 Download
File Size   215.62 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual bus switch with level shifting

CBTD3306 Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTD3306 Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBTD3306
Download  CBTD3306 Click to download

File Size   215.62 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual bus switch with level shifting

CBTD3306 Datasheet (HTML) - Nexperia B.V. All rights reserved


CBTD3306 Product details

1. General description
The CBTD3306 dual FET bus switch features independent line switches. Each switch is disabled
when the associated output enable (nOE) input is HIGH.
The CBTD3306 is characterized for operation from -40 °C to +85 °C.
2. Features and benefits
• Designed to be used in 5 V to 3.3 V level shifting applications with internal diode
• 5 Ω switch connection between two ports
• TTL-compatible input levels
• Multiple package options
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 100 mA per JESD78B
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• CDM JESD22-C101E exceeds 1000 V




Similar Part No. - CBTD3306

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
Dual bus switch with level shifting
2001 Nov 08
CBTD3306 NXP-CBTD3306 Datasheet
149Kb / 17P
Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
CBTD3306D PHILIPS-CBTD3306D Datasheet
76Kb / 8P
Dual bus switch with level shifting
2001 Nov 08
CBTD3306D NXP-CBTD3306D Datasheet
149Kb / 17P
Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
CBTD3306GM NXP-CBTD3306GM Datasheet
149Kb / 17P
Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
More results


Similar Description - CBTD3306

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTD3306 TI-SN74CBTD3306 Datasheet
74Kb / 5P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306 Datasheet
76Kb / 8P
Dual bus switch with level shifting
2001 Nov 08
logo
Texas Instruments
SN74CBTD1G384 TI-SN74CBTD1G384 Datasheet
71Kb / 5P
SINGLE FET BUS SWITCH WITH LEVEL SHIFTING
logo
Toshiba Semiconductor
TC7SBD385FU TOSHIBA-TC7SBD385FU Datasheet
118Kb / 7P
Single Bus Switch with Level Shifting
TC7SBD384AFU TOSHIBA-TC7SBD384AFU Datasheet
178Kb / 7P
Single Bus Switch with Level Shifting
TC7SBD385AFU TOSHIBA-TC7SBD385AFU Datasheet
177Kb / 7P
Single Bus Switch with Level Shifting
logo
NXP Semiconductors
CBTD3306 NXP-CBTD3306_11 Datasheet
149Kb / 17P
Dual bus switch with level shifting Multiple package options
Rev. 5-28 April 2011
logo
Texas Instruments
SN74CBTD3306DR TI-SN74CBTD3306DR Datasheet
769Kb / 12P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING
SN74CBTD3306DRG4 TI-SN74CBTD3306DRG4 Datasheet
755Kb / 12P
DUAL FET BUS SWITCH WITH LEVEL SHIFTING
logo
NXP Semiconductors
CBTD3306 PHILIPS-CBTD3306_15 Datasheet
220Kb / 17P
Dual bus switch with level shifting
Rev. 8-1 May 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com