Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBTD3861PW Datasheet (PDF) - Nexperia B.V. All rights reserved

CBTD3861PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # CBTD3861PW
Download  CBTD3861PW Download
File Size   218.16 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit level shifting bus switch with output enable

CBTD3861PW Datasheet (PDF)

Go To PDF Page Download Datasheet
CBTD3861PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # CBTD3861PW
Download  CBTD3861PW Click to download

File Size   218.16 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 10-bit level shifting bus switch with output enable

CBTD3861PW Datasheet (HTML) - Nexperia B.V. All rights reserved


CBTD3861PW Product details

1. General description
The CBTD3861 provides ten bits of high-speed TTL-compatible bus switching. The low
ON resistance of the switch allows connections to be made with minimal propagation delay.
The CBTD3861 device is organized as one 10-bit bus switches with one output enable (OE) input.
When OE is LOW, the switch is on and port A is connected to the B port. When OE is HIGH, each
switch is disabled.
The CBTD3861 is characterized for operation from -40 °C to +85 °C.
2. Features and benefits
• Designed to be used in 5 V to 3.3 V level shifting applications with internal diode
• 5 Ω switch connection between two ports
• TTL-compatible control input levels
• Latch-up protection exceeds 100 mA per JESD78
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• CDM JESD22-C101C exceeds 1000 V




Similar Part No. - CBTD3861PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3861PW NXP-CBTD3861PW Datasheet
342Kb / 16P
10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
More results


Similar Description - CBTD3861PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTD3861 NXP-CBTD3861 Datasheet
342Kb / 16P
10-bit level shifting bus switch with output enable
Rev. 1-19 August 2010
74CBTLVD3861BQ NXP-74CBTLVD3861BQ Datasheet
142Kb / 19P
10-bit level-shifting bus switch with output enable Rev. 4 ??14 December 2011
Rev. 4-14 December 2011
74CBTLVD3245 PHILIPS-74CBTLVD3245_15 Datasheet
415Kb / 19P
8-bit level-shifting bus switch with output enable
Rev. 3-16 December 2011
74CBTLVD3384 PHILIPS-74CBTLVD3384_15 Datasheet
255Kb / 20P
10-bit level-shifting bus switch with 5-bit output enables
Rev. 2-16 December 2011
74CBTLVD3861 PHILIPS-74CBTLVD3861_15 Datasheet
142Kb / 19P
10-bit level-shifting bus switch with output enable
Rev. 4-14 December 2011
CBTD16210 PHILIPS-CBTD16210_15 Datasheet
89Kb / 10P
20-bit level shifting bus switch with 10-bit output enables
2000 Oct 12
logo
Nexperia B.V. All right...
74CBTLVD3245 NEXPERIA-74CBTLVD3245 Datasheet
235Kb / 14P
8-bit level-shifting bus switch with output enable
74CBTLVD3245-Q100 NEXPERIA-74CBTLVD3245-Q100 Datasheet
235Kb / 14P
8-bit level-shifting bus switch with output enable
74CBTLVD3384 NEXPERIA-74CBTLVD3384 Datasheet
240Kb / 14P
10-bit level-shifting bus switch with 5-bit output enables
74CBTLVD3861 NEXPERIA-74CBTLVD3861 Datasheet
240Kb / 14P
10-bit level-shifting bus switch with output enable
Rev. 5 - 18 April 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com