Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTRBR37G Datasheet (PDF) - ams AG

LTRBR37G Datasheet PDF - ams AG
Part # LTRBR37G
Download  LTRBR37G Download
File Size   2456.97 Kbytes
Page   32 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This device was designed for low profile consumer applications.

LTRBR37G Datasheet (PDF)

Go To PDF Page Download Datasheet
LTRBR37G Datasheet PDF - ams AG

Part # LTRBR37G
Download  LTRBR37G Click to download

File Size   2456.97 Kbytes
Page   32 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description This device was designed for low profile consumer applications.

LTRBR37G Datasheet (HTML) - ams AG


LTRBR37G Product details

Features
- Package: SMT package, epoxy resin
- Chip technology: InGaAlP / InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 530 nm (● true green); λdom = 623 nm (● red); λdom = 472 nm (● blue)
- ESD: 500 V acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 1B)
- Color: x = 0.249, y = 0.208. acc. to CIE 1931 (white)
- Luminous Intensity: 159...280 mcd (white), typ. 130 mcd (true green), typ. 45 mcd (red), typ. 25 mcd
(blue)





Similar Part No. - LTRBR37G

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LTRBR37G-4R4S-0125 AMSOSRAM-LTRBR37G-4R4S-0125 Datasheet
2Mb / 32P
Multi Chip LED
2025-12-03
More results


Similar Description - LTRBR37G

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
HH-1199-6D JMK-HH-1199-6D Datasheet
204Kb / 1P
This filter was designed especially for power supply modules with power factor correction.
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
Applications Processors for Consumer Products
logo
EUROQUARTZ limited
CX4 EUROQUARTZ-CX4 Datasheet
148Kb / 2P
Designed for low power applications
CX6SM EUROQUARTZ-CX6SM Datasheet
149Kb / 2P
Designed for low power applications
logo
Estek Electronics Co. L...
ET-LM386 ESTEK-ET-LM386 Datasheet
293Kb / 1P
The MIK386 is a power amplifier designed for use in low voltage consumer applications
logo
Fairchild Semiconductor
MMBTA92 FAIRCHILD-MMBTA92 Datasheet
887Kb / 14P
This device is designed for high voltage driver applications.
logo
List of Unclassifed Man...
RFM110W-315S1 ETC2-RFM110W-315S1 Datasheet
611Kb / 22P
Low-Cost Consumer Electronics Applications
RFM113W-315S1 ETC2-RFM113W-315S1 Datasheet
606Kb / 21P
Low-Cost Consumer Electronics Applications
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
Low-Cost Consumer Electronics Applications
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
Low-Cost Consumer Electronics Applications
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com