Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A2448 Datasheet (PDF) - ams AG

Q65110A2448 Datasheet PDF - ams AG
Part # Q65110A2448
Download  Q65110A2448 Download
File Size   428.89 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant

Q65110A2448 Datasheet (PDF)

Go To PDF Page Download Datasheet
Q65110A2448 Datasheet PDF - ams AG

Part # Q65110A2448
Download  Q65110A2448 Click to download

File Size   428.89 Kbytes
Page   15 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant

Q65110A2448 Datasheet (HTML) - ams AG


Q65110A2448 Product details

Features
• package: white P-LCC-4 package, colorless
clear resin
• feature of the device: more light due to higher
optical efficiency
• wavelength: 633 nm (super-red),
587 nm (yellow)
• viewing angle: Lambertian Emitter (120°)
• technology: InGaAlP
• optical efficiency: 14 lm/W (super-red),
20 lm/W (yellow)
• grouping parameter: luminous intensity,
wavelength
• assembly methods: suitable for all
SMT assembly methods
• soldering methods: IR reflow soldering and
TTW soldering
• preconditioning: acc. to JEDEC Level 2
• taping: 8 mm tape with 2000/reel, ø180 mm or
8000/reel, ø330 mm
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-D




Similar Part No. - Q65110A2448

ManufacturerPart #DatasheetDescription
logo
ams AG
Q65110A2446 AMSCO-Q65110A2446 Datasheet
1Mb / 24P
Two chip LEDs for indicators that allow to display red, green and yellow by color mixing
Version 1.2 2022-05-10
More results


Similar Description - Q65110A2448

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LGN971 OSRAM-LGN971 Datasheet
363Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
Lead (Pb) Free Product RoHS Compliant
LHQ974 OSRAM-LHQ974 Datasheet
344Kb / 13P
Lead (Pb) Free Product - RoHS Compliant
LSA67B OSRAM-LSA67B Datasheet
369Kb / 15P
Lead (Pb) Free Product - RoHS Compliant
LWA67C OSRAM-LWA67C Datasheet
446Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
LBA6SG OSRAM-LBA6SG Datasheet
555Kb / 16P
Hyper SIDELED짰 long life Enhanced optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LBL29G OSRAM-LBL29G Datasheet
234Kb / 15P
SmartLED짰 0603 Enhanced Optical Power LED (ThinGaN짰) Lead (Pb) Free Product - RoHS Compliant
LAG6SP OSRAM-LAG6SP Datasheet
247Kb / 15P
Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
LETH3A OSRAM-LETH3A Datasheet
460Kb / 16P
Lead (Pb) Free Product - RoHS Compliant
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com