Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-GADP Datasheet (PDF) - Greystone Energy Systems Inc.

PS-GADP Datasheet PDF - Greystone Energy Systems Inc.
Part # PS-GADP
Download  PS-GADP Download
File Size   307.32 Kbytes
Page   1 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description LIQUID PRESSURE GAUGE KIT

PS-GADP Datasheet (PDF)

Go To PDF Page Download Datasheet
PS-GADP Datasheet PDF - Greystone Energy Systems Inc.

Part # PS-GADP
Download  PS-GADP Click to download

File Size   307.32 Kbytes
Page   1 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description LIQUID PRESSURE GAUGE KIT

PS-GADP Datasheet (HTML) - Greystone Energy Systems Inc.


PS-GADP Product details

PRODUCT DESCRIPTION
The differential pressure kit offers two liquid filled pressure gauge assemblies that assemble to both the differential and
high-pressure differential transmitter using the supplied 1/8” male brass fitting tee.
Features include a stem mounted (2.5” Dial) Liquid Gauge with a #304 Stainless Steel Case, 1.5% Full Scale Accuracy,
Operating Temperature: - 40°F to + 140°F, -20°C to +60°C, 0-100 PSI or 0-600 PSI & meets ASME B40.100 Standards.
Assembled with brass fittings.
liquid-filled dial reduces needle flutter for precise readings in high-vibration applications. A Stainless-Steel Case provides
excellent corrosion resistance.




Similar Part No. - PS-GADP

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
PS-GDT GREYSTONE-PS-GDT Datasheet
892Kb / 4P
CARBON MONOXIDE/NITROGEN DIOXIDE DETECTOR
PS-GH GREYSTONE-PS-GH Datasheet
386Kb / 2P
GREENHOUSE/HORTICULTURE SENSOR
More results


Similar Description - PS-GADP

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
01GK0KS-010 ROSENBERGER-01GK0KS-010 Datasheet
522Kb / 2P
GAUGE KIT
08GK0KS-010 ROSENBERGER-08GK0KS-010 Datasheet
67Kb / 2P
GAUGE KIT
03GK0KS-010 ROSENBERGER-03GK0KS-010 Datasheet
67Kb / 2P
GAUGE KIT
05GK0KS-010 ROSENBERGER-05GK0KS-010 Datasheet
68Kb / 2P
GAUGE KIT
06GK0KS-010 ROSENBERGER-06GK0KS-010 Datasheet
523Kb / 2P
GAUGE KIT
logo
Festo Corporation.
9791 FESTO-9791 Datasheet
87Kb / 1P
Pressure gauge
548010 FESTO-548010 Datasheet
104Kb / 2P
Pressure gauge
8/10/22
563735 FESTO-563735 Datasheet
112Kb / 1P
Pressure gauge
8/10/22
563737 FESTO-563737 Datasheet
101Kb / 1P
Pressure gauge
8/10/22
logo
Greystone Energy System...
GADP100 GREYSTONE-GADP100 Datasheet
307Kb / 1P
LIQUID PRESSURE GAUGE KIT
10/19
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com