Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2196562020 Datasheet (PDF) - Molex Electronics Ltd.

2196562020 Datasheet PDF - Molex Electronics Ltd.
Part # 2196562020
Download  2196562020 Download
File Size   280.26 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Pico-Lock 2.0 R-R 2ckt 50mm disc Au

2196562020 Datasheet (PDF)

Go To PDF Page Download Datasheet
2196562020 Datasheet PDF - Molex Electronics Ltd.

Part # 2196562020
Download  2196562020 Click to download

File Size   280.26 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Pico-Lock 2.0 R-R 2ckt 50mm disc Au

2196562020 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2196562020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196562030 MOLEX-2196562030 Datasheet
288Kb / 1P
Pico-Lock 2.0 R-R 3ckt 300mm disc Au
2022/01/13
2196562031 MOLEX-2196562031 Datasheet
288Kb / 1P
Pico-Lock 2.0 R-R 3ckt 300mm disc Au
2022/01/13
2196562032 MOLEX-2196562032 Datasheet
288Kb / 1P
Pico-Lock 2.0 R-R 3ckt 300mm disc Au
2022/01/13
2196562033 MOLEX-2196562033 Datasheet
288Kb / 1P
Pico-Lock 2.0 R-R 3ckt 300mm disc Au
2022/01/13
2196562034 MOLEX-2196562034 Datasheet
288Kb / 1P
Pico-Lock 2.0 R-R 3ckt 300mm disc Au
2022/01/13
More results


Similar Description - 2196562020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196572024 MOLEX-2196572024 Datasheet
282Kb / 1P
Pico-Lock 2.0 R-S 2ckt 600mm disc Au
2022/01/13
2196572030 MOLEX-2196572030 Datasheet
290Kb / 1P
Pico-Lock 2.0 R-S 3ckt 50mm disc Au
2022/01/13
2196572050 MOLEX-2196572050 Datasheet
300Kb / 1P
Pico-Lock 2.0 R-S 5ckt 50mm disc Au
2022/01/13
2183961020 MOLEX-2183961020 Datasheet
90Kb / 1P
PICO-SPOX 1.5 R-R 2CKT 50MM DISC Sn
2021/05/31
2196562050 MOLEX-2196562050 Datasheet
299Kb / 1P
Pico-Lock 2.0 R-R 5ckt 50mm disc Au
2022/01/13
2196562060 MOLEX-2196562060 Datasheet
305Kb / 1P
Pico-Lock 2.0 R-R 6¢kt 50mm disc Au
2022/01/13
2196572020 MOLEX-2196572020 Datasheet
283Kb / 1P
Pico-Lock 2.0 R-S 2ckt 50mm disc Au
2022/01/13
2196572040 MOLEX-2196572040 Datasheet
292Kb / 1P
Pico-Lock 2.0 R-S 4ckt 50mm disc Au
2022/01/13
2196572060 MOLEX-2196572060 Datasheet
306Kb / 1P
Pico-Lock 2.0 R-S 6¢ckt 50mm disc Au
2022/01/13
2196781020 MOLEX-2196781020 Datasheet
286Kb / 1P
Micro Latch 2.0 R-R 2ckt 50mm disc Sn
2022/03/08
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com