Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

407150015115 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

407150015115 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 407150015115
Download  407150015115 Download
File Size   364.62 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TGFG Thermal Graphite Foam Gasket

407150015115 Datasheet (PDF)

Go To PDF Page Download Datasheet
407150015115 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 407150015115
Download  407150015115 Click to download

File Size   364.62 Kbytes
Page   4 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TGFG Thermal Graphite Foam Gasket

407150015115 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


407150015115 Product details

General Information:
Operating Temperature -40 up to +120 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Flammability: UL94 V-0 (File Number E474708)




Similar Part No. - 407150015115

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
407150015030 WURTH-407150015030 Datasheet
301Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
407150015050 WURTH-407150015050 Datasheet
301Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
407150015200 WURTH-407150015200 Datasheet
300Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
More results


Similar Description - 407150015115

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
4051100100017 WURTH-4051100100017 Datasheet
211Kb / 3P
WE-TGS Thermal Graphite Sheet
001.000
4051210297017 WURTH-4051210297017 Datasheet
211Kb / 3P
WE-TGS Thermal Graphite Sheet
001.000
407200045020 WURTH-407200045020 Datasheet
233Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.000
logo
Orbel Corporation
040R125-024000 ORBEL-040R125-024000 Datasheet
200Kb / 2P
GASKET FABRIC FOAM RECTANGULAT 0
REV. 01
157S157-024000 ORBEL-157S157-024000 Datasheet
204Kb / 2P
GASKET FABRIC FOAM SQUARE 0.157"
REV. 01
logo
Wurth Elektronik GmbH &...
407150015030 WURTH-407150015030 Datasheet
301Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
407150015050 WURTH-407150015050 Datasheet
301Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
407150015200 WURTH-407150015200 Datasheet
300Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
407150045015 WURTH-407150045015 Datasheet
297Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
407160016150 WURTH-407160016150 Datasheet
298Kb / 3P
WE-TGFG Thermal Graphite Foam Gasket
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com