Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC6323A Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC6323A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC6323A
Download  74HC6323A Download
File Size   256.8 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Programmable ripple counter with oscillator; 3-state

74HC6323A Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC6323A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC6323A
Download  74HC6323A Click to download

File Size   256.8 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Programmable ripple counter with oscillator; 3-state

74HC6323A Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC6323A Product details

1 General description
The 74HC6323A; 74HCT6323A is an oscillator designed for quartz crystal combined with
a programmable 3-state counter, a 3-state output buffer and an overriding asynchronous
master reset (MR). With the two select inputs S1 and S2 the counter can be switched
in the divide-by-1, 2, 4 or 8 mode. If left floating the clock is divided by 8. The oscillator
is designed to operate either in the fundamental or third overtone mode depending on
the crystal and external components applied. On-chip capacitors minimize external
component count for third overtone crystal applications. The oscillator may be replaced
by an external clock signal at input X1. In this event the other oscillator pin (X2) must
be floating. The counter advances on the negative-going transition of X1. A LOW level
on MR resets the counter, stops the oscillator and sets the output buffer in the 3-state
condition. MR can be left floating since an internal pull-up resistor will make the MR
inactive.
The X1 input has CMOS input switching levels and may be driven by a TTL output using
a pull-up resistor connected to VCC. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2 Features and benefits
• Programmable 3-stage ripple counter
• Suitable for over-tone crystal application up to 50 MHz (VCC = 5 V ± 10%)
• 3-state output buffer
• Two internal capacitors
• Recommended operating range for use with third overtone crystals 3 to 6 V
• Oscillator stop function (MR)
• Input levels:
– For 74HC6323: CMOS level
– For 74HCT6323: TTL level
• ESD protection:
– HBM JESD22-A114-A exceeds 2000 V
– MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C

3 Applications
• Control counters
• Timers
• Frequency dividers
• Time-delay circuits
• CIO (Compact Integrated Oscillator)
• Third-overtone crystal operation




Similar Part No. - 74HC6323A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC6323A PHILIPS-74HC6323A Datasheet
90Kb / 15P
Programmable ripple counter with oscillator; 3-state
September 1993
74HC6323AD PHILIPS-74HC6323AD Datasheet
90Kb / 15P
Programmable ripple counter with oscillator; 3-state
September 1993
More results


Similar Description - 74HC6323A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A Datasheet
205Kb / 12P
14-Stage Binary Ripple Counter With Oscillator
March, 2000 ??Rev. 2
logo
NXP Semiconductors
74HC4060 PHILIPS-74HC4060 Datasheet
90Kb / 12P
14-stage binary ripple counter with oscillator
December 1990
74HC6323A PHILIPS-74HC6323A Datasheet
90Kb / 15P
Programmable ripple counter with oscillator; 3-state
September 1993
74HC9323A PHILIPS-74HC9323A Datasheet
44Kb / 6P
Programmable ripple counter with oscillator 3-State
1995 Oct 27
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
logo
NXP Semiconductors
74HC4060 NXP-74HC4060 Datasheet
150Kb / 25P
14-stage binary ripple counter with oscillator
Rev. 03-14 July 2008
74HC4060-Q100 NXP-74HC4060-Q100 Datasheet
187Kb / 24P
14-stage binary ripple counter with oscillator
Rev. 1-2 August 2012
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_16 Datasheet
116Kb / 11P
14-Stage Binary Ripple Counter With Oscillator
June, 2016 ??Rev. 10
logo
Nexperia B.V. All right...
74HC4060-Q100 NEXPERIA-74HC4060-Q100 Datasheet
316Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 4 - 8 September 2021
74HCT4060 NEXPERIA-74HCT4060 Datasheet
317Kb / 19P
14-stage binary ripple counter with oscillator
Rev. 6 - 7 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com