Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC9114 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC9114 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC9114
Download  74HC9114 Download
File Size   191.05 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Nine wide Schmitt trigger buffer; open drain outputs; inverting

74HC9114 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC9114 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC9114
Download  74HC9114 Click to download

File Size   191.05 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Nine wide Schmitt trigger buffer; open drain outputs; inverting

74HC9114 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC9114 Product details

1 General description
The 74HC9114; 74HCT9114 is a 9-bit inverter with Schmitt trigger inputs and open
drain outputs. Inputs also include clamp diodes, this enables the use of current limiting
resistors to interface inputs to voltages in excess of VCC. Schmitt trigger inputs transform
slowly changing input signals into sharply defined jitter-free output signals.
2 Features and benefits
• Wide operating voltage 2.0 V to 6.0 V
• Schmitt trigger action on all data inputs
• Low-power dissipation
• Complies with JEDEC standard no. 7A
• ESD protection:
– HBM JESD22-A114F exceeds 2000 V
– MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC9114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC9114 PHILIPS-74HC9114 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs; inverting
December 1990
More results


Similar Description - 74HC9114

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC9014 PHILIPS-74HC9014 Datasheet
43Kb / 7P
Nine wide Schmitt trigger buffer/line driver; inverting
December 1990
74HC9015 PHILIPS-74HC9015 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer/line driver
December 1990
74HC9114 PHILIPS-74HC9114 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs; inverting
December 1990
74HC9115 PHILIPS-74HC9115 Datasheet
45Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
74HC_HCT9115_CNV PHILIPS-74HC_HCT9115_CNV_15 Datasheet
47Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
logo
ON Semiconductor
NLU2G17 ONSEMI-NLU2G17_16 Datasheet
79Kb / 8P
Dual Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 9
NLU3G17 ONSEMI-NLU3G17_16 Datasheet
79Kb / 8P
Triple Non-Inverting Schmitt-Trigger Buffer
July, 2016 ??Rev. 4
logo
Nexperia B.V. All right...
74HCT9115 NEXPERIA-74HCT9115 Datasheet
46Kb / 7P
Nine wide Schmitt trigger buffer; open drain outputs
December 1990
74HC9115 NEXPERIA-74HC9115 Datasheet
176Kb / 12P
Nine wide Schmitt trigger buffer; open drain outputs
Rev. 3 - 10 April 2018
74AHCV05A NEXPERIA-74AHCV05A Datasheet
211Kb / 12P
Hex inverter Schmitt trigger with open-drain outputs
Rev. 1 - 24 June 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com