Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCU04PW Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCU04PW Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCU04PW
Download  74HCU04PW Download
File Size   258.12 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex unbuffered inverter

74HCU04PW Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCU04PW Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCU04PW
Download  74HCU04PW Click to download

File Size   258.12 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex unbuffered inverter

74HCU04PW Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCU04PW Product details

1. General description
The 74HCU04 is a hex unbuffered inverter. Inputs include clamp diodes. This enables the use of
current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Balanced propagation delays
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +125 °C




Similar Part No. - 74HCU04PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCU04PW PHILIPS-74HCU04PW Datasheet
64Kb / 7P
Hex inverter
September 1993
logo
Nexperia B.V. All right...
74HCU04PW-Q100 NEXPERIA-74HCU04PW-Q100 Datasheet
823Kb / 16P
Hex unbuffered inverter
More results


Similar Description - 74HCU04PW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCU04A ONSEMI-MC74HCU04A Datasheet
159Kb / 8P
Hex Unbuffered Inverter
March, 2000 ??Rev. 2
MC74LVXU04 ONSEMI-MC74LVXU04 Datasheet
83Kb / 6P
Hex Inverter(Unbuffered)
March, 2005 ??Rev. 1
MC74VHCU04 ONSEMI-MC74VHCU04_06 Datasheet
149Kb / 6P
Hex Inverter (Unbuffered)
March, 2006 ??Rev. 4
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
Hex Unbuffered Inverter
March, 2007 ??Rev. 0
MC74HCU04A ONSEMI-MC74HCU04A_14 Datasheet
113Kb / 7P
Hex Unbuffered Inverter
September, 2014 ??Rev. 8
logo
Nexperia B.V. All right...
74LVCU04A-Q100 NEXPERIA-74LVCU04A-Q100 Datasheet
782Kb / 15P
Hex unbuffered inverter
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
Hex unbuffered inverter
HEF4069UB NEXPERIA-HEF4069UB Datasheet
246Kb / 13P
Hex unbuffered inverter
Rev. 10 - 10 February 2022
74LVCU04A NEXPERIA-74LVCU04A Datasheet
262Kb / 14P
Hex unbuffered inverter
Rev. 9 - 31 March 2021
74AHCU04 NEXPERIA-74AHCU04 Datasheet
245Kb / 14P
Hex unbuffered inverter
Rev. 5 - 18 May 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com