Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LV32A Datasheet (PDF) - Nexperia B.V. All rights reserved

74LV32A Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LV32A
Download  74LV32A Download
File Size   192.47 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input OR gate

74LV32A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LV32A Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LV32A
Download  74LV32A Click to download

File Size   192.47 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input OR gate

74LV32A Datasheet (HTML) - Nexperia B.V. All rights reserved


74LV32A Product details

1. General description
The 74LV32A is a quad 2-input OR gate.
Inputs are overvoltage tolerant. This feature allows the use of these devices as translators in mixed
voltage environments.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall times.
This device is fully specified for partial power down applications using IOFF. The IOFF circuitry
disables the output, preventing the potentially damaging backflow current through the device when
it is powered down.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 5.5 V
• Maximum tpd of 9.5 ns at 5 V
• Typical VOL(p) < 0.8 V at VCC = 3.3 V, Tamb = 25 °C
• Typical VOH(v) > 2.3 V at VCC = 3.3 V, Tamb = 25 °C
• Supports mixed-mode voltage operation on all ports
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 250 mA per JESD 78 Class II
• ESD protection:
• MM: MM JESD22-A115-B exceeds 200 V
• HBM: ANSI/ESDA/JEDEC JS-001 Class 3A exceeds 4 kV
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 2 kV
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74LV32A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV32A TI-74LV32A Datasheet
648Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Diodes Incorporated
74LV32A DIODES-74LV32A Datasheet
294Kb / 9P
QUADRUPLE 2-INPUT OR GATES
Rev 1
logo
Nexperia B.V. All right...
74LV32A NEXPERIA-74LV32A Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
74LV32A NEXPERIA-74LV32A Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
logo
Diodes Incorporated
74LV32AS14 DIODES-74LV32AS14 Datasheet
294Kb / 9P
QUADRUPLE 2-INPUT OR GATES
Rev 1
More results


Similar Description - 74LV32A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
Quad 2-Input OR Gate
March, 2000 ??Rev. 7
logo
NXP Semiconductors
74ALS32 PHILIPS-74ALS32 Datasheet
97Kb / 8P
Quad 2-Input OR gate
1991 Feb 08
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
QUAD 2-INPUT OR GATE
Apr-2001
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
QUAD 2-INPUT OR GATE
Feb-1999
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
QUAD 2 INPUT OR GATE
logo
Fairchild Semiconductor
DM74AS32 FAIRCHILD-DM74AS32 Datasheet
60Kb / 5P
Quad 2-Input OR Gate
DM74S32 FAIRCHILD-DM74S32 Datasheet
33Kb / 3P
Quad 2-Input OR Gate
MM74HCT32 FAIRCHILD-MM74HCT32_05 Datasheet
83Kb / 7P
Quad 2-Input OR Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com