Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4066 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT4066 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT4066
Download  74HCT4066 Download
File Size   316.59 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad single-pole single-throw analog switch

74HCT4066 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT4066 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT4066
Download  74HCT4066 Click to download

File Size   316.59 Kbytes
Page   21 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad single-pole single-throw analog switch

74HCT4066 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT4066 Product details

1. General description
The 74HC4066; 74HCT4066 is a quad single pole, single throw analog switch. Each switch
features two input/output terminals (nY and nZ) and an active HIGH enable input (nE). When nE is
LOW, the analog switch is turned off. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Input levels nE inputs:
• For 74HC4066: CMOS level
• For 74HCT4066: TTL level
• Low ON resistance:
• 50 Ω (typical) at VCC = 4.5 V
• 45 Ω (typical) at VCC = 6.0 V
• 35 Ω (typical) at VCC = 9.0 V
• Specified in compliance with JEDEC standard no. 7A
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HCT4066

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4066 PHILIPS-74HCT4066 Datasheet
175Kb / 24P
Quad bilateral switches
1998 Nov 10
logo
Texas Instruments
74HCT4066 TI-74HCT4066 Datasheet
48Kb / 8P
High-Speed CMOS Logic Quad Bilateral Switch
logo
NXP Semiconductors
74HCT4066 PHILIPS-74HCT4066 Datasheet
183Kb / 27P
Quad bilateral swiches
2004 Nov 11
74HCT4066 NXP-74HCT4066 Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HCT4066 NXP-74HCT4066 Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
More results


Similar Description - 74HCT4066

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4066B NXP-HEF4066B Datasheet
127Kb / 16P
Quad single-pole single-throw analog switch
Rev. 7-16 November 2011
74HCT4066D-T NXP-74HCT4066D-T Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
74HC_HCT4066 PHILIPS-74HC_HCT4066_15 Datasheet
452Kb / 25P
Quad single-pole single-throw analog switch
Rev. 7-2 April 2013
logo
Nexperia B.V. All right...
HEF4066B-Q100 NEXPERIA-HEF4066B-Q100 Datasheet
797Kb / 15P
Quad single-pole single-throw analog switch
74HC4066-Q100 NEXPERIA-74HC4066-Q100 Datasheet
1Mb / 23P
Quad single-pole single-throw analog switch
HEF4066B NEXPERIA-HEF4066B Datasheet
244Kb / 13P
Quad single-pole single-throw analog switch
Rev. 10 - 21 December 2021
HEF4016B NEXPERIA-HEF4016B Datasheet
239Kb / 13P
Quad single-pole single-throw analog switch
Rev. 5 - 26 November 2021
74HC4316 NEXPERIA-74HC4316 Datasheet
327Kb / 23P
Quad single-pole single-throw analog switch
Rev. 6 - 10 September 2021
74HCT4066-Q100 NEXPERIA-74HCT4066-Q100 Datasheet
306Kb / 20P
Quad single-pole single-throw analog switch
Rev. 4 - 14 April 2020
74HC4016 NEXPERIA-74HC4016 Datasheet
847Kb / 21P
Quad single-pole single-throw analog switch
Rev. 3 - 12 December 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com