Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A539 Datasheet (PDF) - Usha India Ltd.

A539 Datasheet PDF - Usha India Ltd.
Part # A539
Download  A539 Download
File Size   81.95 Kbytes
Page   2 Pages
Manufacturer  USHA [Usha India Ltd.]
Direct Link  http://www.fairchildsemi.com/
Logo USHA - Usha India Ltd.
Description LOW FREQUENCY AMPLIFIER

A539 Datasheet (PDF)

Go To PDF Page Download Datasheet
A539 Datasheet PDF - Usha India Ltd.

Part # A539
Download  A539 Click to download

File Size   81.95 Kbytes
Page   2 Pages
Manufacturer  USHA [Usha India Ltd.]
Direct Link  http://www.fairchildsemi.com/
Logo USHA - Usha India Ltd.
Description LOW FREQUENCY AMPLIFIER

A539 Datasheet (HTML) - Usha India Ltd.


A539 Product details

Low frequency amplifier.



Collector-base voltage Vcbo = -60V.

Collector dissipation Pc(max) = 400mW.




Similar Part No. - A539

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
Connor-Winfield Corpora...
A53 CONNOR-WINFIELD-A53 Datasheet
53Kb / 1P
8 PIN DIP ACMOS
logo
M/A-COM Technology Solu...
A53 MA-COM-A53 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 500 MHz
logo
Pentair Equipment Prote...
A53 HOFFMANPRODUCTS-A53 Datasheet
296Kb / 2P
INLINE™ Accessories
logo
Moxa Inc.
A53-DB25FW/ADAPTER MOXA-A53-DB25FW/ADAPTER Datasheet
235Kb / 3P
Entry-level RS-232 to RS-422/485 converters
More results


Similar Description - A539

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA733 FAIRCHILD-KSA733 Datasheet
41Kb / 4P
Low Frequency Amplifier
logo
Rohm
2SD2657K ROHM-2SD2657K Datasheet
75Kb / 3P
Low frequency amplifier
2SB1706 ROHM-2SB1706 Datasheet
69Kb / 3P
LOW FREQUENCY AMPLIFIER
2SD2700 ROHM-2SD2700 Datasheet
89Kb / 3P
Low frequency amplifier
US6X3 ROHM-US6X3 Datasheet
67Kb / 3P
Low frequency amplifier
2SB1708 ROHM-2SB1708_1 Datasheet
74Kb / 3P
Low frequency amplifier
2SD2653 ROHM-2SD2653_1 Datasheet
96Kb / 3P
Low frequency amplifier
2SD2700 ROHM-2SD2700_1 Datasheet
97Kb / 3P
Low frequency amplifier
logo
Littelfuse
2SB1707TL LITTELFUSE-2SB1707TL Datasheet
60Kb / 3P
Low frequency amplifier
logo
Fairchild Semiconductor
KSA812OMTF FAIRCHILD-KSA812OMTF Datasheet
64Kb / 4P
Low Frequency Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com