Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD508 Datasheet (PDF) - List of Unclassifed Manufacturers

MTD508 Datasheet PDF - List of Unclassifed Manufacturers
Part # MTD508
Download  MTD508 Download
File Size   439.31 Kbytes
Page   19 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8-Port 10M/100M Ethernet Switch

MTD508 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTD508 Datasheet PDF - List of Unclassifed Manufacturers

Part # MTD508
Download  MTD508 Click to download

File Size   439.31 Kbytes
Page   19 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 8-Port 10M/100M Ethernet Switch

MTD508 Datasheet (HTML) - List of Unclassifed Manufacturers


MTD508 Product details

GENERAL DESCRIPTION
The MTD508 complies fully with the IEEE802.3,
802.3u and 802.3x specifications and is a nonblocking
8-port 10M/100M Ethernet switch device.
The MTD508 supports 8 RMII ports for 10M/100M
operations. 1MBytes/2MBytes memory interface
provides maximum 1365 packet buffers for Ethernet
packet buffering. Up to 8192 address entries are
provided by the MTD508, and the MTD508 uses full
Ethernet address to compare algorithm for
minimizing hashing collision events.
The MTD508 provides EEPROM interface to
configure port trunking, port VLAN, static entry,
802.3x flow control threshold, flooding port,
broadcast control threshold. Each MTD508 port
supports 10M/100M auto-negotiation by MDC/MDIO
interface for connecting external PHY devices.
The MTD508 also provides 10 pins for Link/RX
activities, packet butter utilization LED display
functoin.

FEATURES
• IEEE802.3 and IEEE802.3u compliant.
• Provides 8 RMII (Reduced Media Independent
Interface) ports.
• Programmable 1K/8K MAC addresses filtering.
• Store and forward switching function and bad
packet filtering function.
• Optional back-pressure/802.3x flow control/
flooding control/broadcast control.
• Optional EEPROM interface for advanced switch
configurations.
• 1MB/2MB SGRAM/SDRAM flexible memory
interface.
• Port VLAN/trunking.
• Link/Rx activities, packet buffer utilization LED
display.
• 75MHz for non-blocking for 8-port switch
operation.
• Built-in interna/external memory test function.
• 160-pin PQFP package, 3.3V operating voltage.




Similar Part No. - MTD508

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD5010M MARKTECH-MTD5010M Datasheet
168Kb / 2P
Ultra High Speed Photo Diode
MTD5010N MARKTECH-MTD5010N Datasheet
640Kb / 3P
Peak Sensitivity Wavelength: 850nm
MTD5010N MARKTECH-MTD5010N Datasheet
640Kb / 3P
Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
Photo Diode
MTD5010W MARKTECH-MTD5010W Datasheet
604Kb / 3P
Peak Sensitivity Wavelength: 850nm
More results


Similar Description - MTD508

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
Eight-port 10/100M Ethernet Switch Controller
logo
Zarlink Semiconductor I...
ZL50409 ZARLINK-ZL50409 Datasheet
1Mb / 135P
Managed 9-Port 10/100M Ethernet Switch
ZL50408 ZARLINK-ZL50408 Datasheet
1Mb / 132P
Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
logo
List of Unclassifed Man...
MTD655 ETC-MTD655 Datasheet
197Kb / 18P
5 Port 10M/100M Hub With 2 port Switch
logo
Zarlink Semiconductor I...
ZL50410 ZARLINK-ZL50410 Datasheet
1Mb / 138P
Managed 8-Port 10/100M 1-Port 10/100/1000M Ethernet Switch
logo
List of Unclassifed Man...
MTD505 ETC1-MTD505 Datasheet
202Kb / 19P
5 Port 10M/100M Ethernet Switch
MTD658 ETC1-MTD658 Datasheet
192Kb / 17P
8 Port 10M/100M Hub With 2 port Switch
MTD516 ETC1-MTD516 Datasheet
265Kb / 27P
16 Port 10M/100M Ethernet Switch
MTD502E ETC2-MTD502E Datasheet
194Kb / 20P
2 Port 10M/100M Switch With Build_in Memory
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
8-Port 10/100M Desktop Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com