Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1041 Datasheet (PDF) - Transko Electronics, Inc.

CS1041 Datasheet PDF - Transko Electronics, Inc.
Part # CS1041
Download  CS1041 Download
File Size   244.74 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)

CS1041 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS1041 Datasheet PDF - Transko Electronics, Inc.

Part # CS1041
Download  CS1041 Click to download

File Size   244.74 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)

CS1041 Datasheet (HTML) - Transko Electronics, Inc.


CS1041 Product details

FEATURES:
• TUNING FORK CRYSTAL
• INDUSTRIAL OPERATING TEMPERATURE RANGE (-40°C ~ 85°C)




Similar Part No. - CS1041

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
CS1042 TRANSKO-CS1042 Datasheet
244Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
More results


Similar Description - CS1041

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
SMQ32SN JAUCH-SMQ32SN Datasheet
268Kb / 2P
SMD Tuning Fork Crystal 쨌 7.0 x 1.5 mm
logo
Transko Electronics, In...
CS1042 TRANSKO-CS1042 Datasheet
244Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
CS31 TRANSKO-CS31 Datasheet
362Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.2: Nov. 2014
CS71 TRANSKO-CS71 Datasheet
151Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (7.0 x 1.5 x 1.4mm)
Rev. 2: Jan 10, 2018
CS83 TRANSKO-CS83 Datasheet
149Kb / 1P
PLASTIC MOLDED SMD TUNING FORK CRYSTAL (8.0 x 3.7 x 2.5mm)
Rev. 2: Jan 10, 2018
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
SMTF TRANSKO-SMTF Datasheet
358Kb / 1P
MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
Ver. 2: Sep. 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com