Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS42 Datasheet (PDF) - Transko Electronics, Inc.

CS42 Datasheet PDF - Transko Electronics, Inc.
Part # CS42
Download  CS42 Download
File Size   203.71 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD CRYSTAL (4.0 x 2.5 x 0.75mm)

CS42 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS42 Datasheet PDF - Transko Electronics, Inc.

Part # CS42
Download  CS42 Click to download

File Size   203.71 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE CERAMIC SMD CRYSTAL (4.0 x 2.5 x 0.75mm)

CS42 Datasheet (HTML) - Transko Electronics, Inc.


CS42 Product details

FEATURES:
• WIDE FREQUENCY RANGE
• LOW COST SMD PACKAGE
• LOW PROFILE / SUITABLE FOR REFLOW




Similar Part No. - CS42

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
CS4200V-01L COILCRAFT-CS4200V-01L Datasheet
196Kb / 1P
Current Sensing Transformers
CS4200V-01L COILCRAFT-CS4200V-01L Datasheet
255Kb / 1P
Current Sense Transformers
logo
Cirrus Logic
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 68P
CrystalClear Audio Codec 97 with headphone Amplifier
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 66P
Audio Codec ??7 with Headphone Amplifier
CS4201 CIRRUS-CS4201 Datasheet
1Mb / 81P
CrystalClear짰 Audio Codec ??7 for Portable Computing
More results


Similar Description - CS42

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M1254 MTRONPTI-M1254 Datasheet
254Kb / 1P
Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
M1254 MTRONPTI-M1254 Datasheet
403Kb / 2P
Surface Mount Crystal 2.5 x 4.0 x 0.75 mm
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
CS22 TRANSKO-CS22 Datasheet
172Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.5 x 2.0 x 0.55mm)
Rev. 6: 10-10-19
CS32 TRANSKO-CS32 Datasheet
196Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 8: 10-10-19
CS53A TRANSKO-CS53A Datasheet
230Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.0mm)
Rev. 6: 10-10-19
CX32 TRANSKO-CX32 Datasheet
312Kb / 2P
MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.7mm)
Rev 0: 11-12-2020
CS32H TRANSKO-CS32H Datasheet
197Kb / 1P
ULTRA-MINIATURE CERAMIC SMD CRYSTAL (3.2 x 2.5 x 0.65mm)
Rev.3: 10-10-19
TP21 TRANSKO-TP21 Datasheet
304Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
Rev 1: 11-08-2021
TV22A TRANSKO-TV22A Datasheet
597Kb / 2P
MINIATURE CERAMIC SMD VCXO (2.5 x 2.0mm)
Rev. 2: Nov. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com