Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT175 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT175 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT175
Download  74HCT175 Download
File Size   262.31 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad D-type flip-flop with reset; positive-edge trigger

74HCT175 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT175 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT175
Download  74HCT175 Click to download

File Size   262.31 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad D-type flip-flop with reset; positive-edge trigger

74HCT175 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT175 Product details

1. General description
The 74HC175; 74HCT175 is a quad positive-edge triggered D-type flip-flop with individual data
inputs (Dn) and complementary outputs (Qn and Qn). The common clock (CP) and master reset
(MR) inputs load and reset all flip-flops simultaneously. The D-input that meets the set-up and hold
time requirements on the LOW-to-HIGH clock transition will be stored in the flip-flop and appear
at the Q output. A LOW on MR causes the flip-flops and outputs to be reset LOW. Inputs include
clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in
excess of VCC.
2. Features and benefits
• Input levels:
• For 74HC175: CMOS level
• For 74HCT175: TTL level
• Four edge-triggered D-type flip-flops
• Asynchronous master reset
• Complies with JEDEC standard no. 7A
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C.




Similar Part No. - 74HCT175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT175 PHILIPS-74HCT175 Datasheet
103Kb / 13P
Quad D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
SYC Electronica
74HCT175 SYC-74HCT175 Datasheet
150Kb / 13P
Quad D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HCT175-Q100 NEXPERIA-74HCT175-Q100 Datasheet
261Kb / 16P
Quad D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 4 February 2021
logo
NXP Semiconductors
74HCT175D PHILIPS-74HCT175D Datasheet
103Kb / 13P
Quad D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
logo
Nexperia B.V. All right...
74HCT175D-Q100 NEXPERIA-74HCT175D-Q100 Datasheet
747Kb / 18P
Quad D-type flip-flop with reset; positive-edge trigger
More results


Similar Description - 74HCT175

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74HC174 PHILIPS-74HC174 Datasheet
101Kb / 13P
Hex D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
74HC175 PHILIPS-74HC175 Datasheet
103Kb / 13P
Quad D-type flip-flop with reset; positive-edge trigger
1998 Jul 08
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
74LVC1G175 PHILIPS-74LVC1G175 Datasheet
91Kb / 17P
Single D-type flip-flop with reset; positive-edge trigger
Rev. 01-18 October 2004
logo
KODENSHI_AUK CORP.
KK74LV174 KODENSHI-KK74LV174 Datasheet
294Kb / 6P
Hex D-type flip-flop with reset; positive edge-trigger
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
Octal D-type flip-flop with reset; positive-edge trigger
74HC175-Q100 NEXPERIA-74HC175-Q100 Datasheet
747Kb / 18P
Quad D-type flip-flop with reset; positive-edge trigger
74HCT175-Q100 NEXPERIA-74HCT175-Q100 Datasheet
261Kb / 16P
Quad D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 4 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com