Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC251 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC251 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC251
Download  74HC251 Download
File Size   263.97 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-input multiplexer; 3-state

74HC251 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC251 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC251
Download  74HC251 Click to download

File Size   263.97 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-input multiplexer; 3-state

74HC251 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC251 Product details

1. General description
The 74HC251; 74HCT251 is an 8-bit multiplexer with eight binary inputs (I0 to I7), three select
inputs (S0 to S2) and an output enable input (OE). The select inputs select one of the eight binary
inputs and route it to the complementary outputs (Y and Y). A HIGH on OE causes the outputs to
assume a high-impedance OFF-state. Inputs include clamp diodes that enable the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• For 74HC251: CMOS level
• For 74HCT251: TTL level
• Non-inverting data path
• ESD protection:
• • HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HC251

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
8-input multiplexer; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251D PHILIPS-74HC251D Datasheet
53Kb / 7P
8-input multiplexer; 3-state
December 1990
logo
Nexperia B.V. All right...
74HC251D NEXPERIA-74HC251D Datasheet
179Kb / 18P
8-input multiplexer; 3-state
Rev. 4 1 February 2016
74HC251D-Q100 NEXPERIA-74HC251D-Q100 Datasheet
268Kb / 17P
8-input multiplexer; 3-state
More results


Similar Description - 74HC251

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
8-input multiplexer 3-State
1991 Feb 08
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
8-input multiplexer 3-State
1996 Jan 05
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
8-input multiplexer; 3-state
December 1990
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
8-input multiplexer/register; 3-state
December 1990
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
8-input multiplexer 3-State
1998 May 20
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
8-input multiplexer; 3-state
Rev. 3-9 July 2013
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
8-input multiplexer; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com