Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EXO Datasheet (PDF) - Transko Electronics, Inc.

EXO Datasheet PDF - Transko Electronics, Inc.
Part # EXO
Download  EXO Download
File Size   424.95 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)

EXO Datasheet (PDF)

Go To PDF Page Download Datasheet
EXO Datasheet PDF - Transko Electronics, Inc.

Part # EXO
Download  EXO Click to download

File Size   424.95 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description ECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)

EXO Datasheet (HTML) - Transko Electronics, Inc.


EXO Product details

FEATURES:
 WIDE FREQUENCY RANGES
 ECL (-5.2VDC) OUTPUT
 STANDARD PACKAGE




Similar Part No. - EXO

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
EXO-3 WK-EXO-3 Datasheet
24Kb / 1P
CRYSTAL OSCILLATOR FOR uPs WITH PROGRAMMBLE OUTPUT
logo
Kyocera Kinseki Corpota...
EXO-3 KSS-EXO-3 Datasheet
159Kb / 1P
cdmaOne-TX-IF
logo
ECM Electronics Limited...
EXO-3 ECM-EXO-3 Datasheet
123Kb / 2P
Programmable Oscillator
logo
Golledge Electronics Lt...
EXO-3C GOLLEDGE-EXO-3C Datasheet
60Kb / 1P
Programmable Oscillator
logo
List of Unclassifed Man...
EXO3C ETC-EXO3C Datasheet
121Kb / 2P
ECM Programmable Oscillator
More results


Similar Description - EXO

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F5500 FOX-F5500 Datasheet
209Kb / 1P
SMD COMPLEMENTARY OUTPUT ECL OSCILLATOR
logo
Transko Electronics, In...
ECP TRANSKO-ECP Datasheet
410Kb / 1P
PECL OUTPUT THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 2: Apr. 2015
HC49U TRANSKO-HC49U Datasheet
131Kb / 1P
STANDARD THROUGH HOLE CRYSTAL (11.5 x 4.7 x 13.5mm)
Rev.3: 10-10-19
OX-F TRANSKO-OX-F Datasheet
325Kb / 2P
OCXO 20.8 X 13.2 X 10.0mm 14PIN DIP FULL SIZE
Rev. 4: 02-20-20
SXI TRANSKO-SXI Datasheet
170Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Rev. 2: 01-30-19
SXO TRANSKO-SXO Datasheet
179Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.8 x 13.2 x 7.24mm)
Rev. 4: Sep. 2019
SXP TRANSKO-SXP Datasheet
170Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.7 x 7.5mm)
Rev. 2: 01-30-19
SXS TRANSKO-SXS Datasheet
459Kb / 1P
STANDARD THROUGH HOLE OSCILLATOR (20.7 x 13.1 x 7.5mm)
Ver. 1: Jan. 2015
TX-A TRANSKO-TX-A Datasheet
479Kb / 2P
TCXO/VCTCXO THROUGH HOLE (18.3 x 11.7 x 4.5mm)
Rev. 1: Dec. 2014
VCXO-650 TRANSKO-VCXO-650 Datasheet
451Kb / 2P
STANDARD THROUGH HOLE VCXO (20.7 x 13.1 x 7.5mm)
Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com