Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMM Datasheet (PDF) - Transko Electronics, Inc.

TMM Datasheet PDF - Transko Electronics, Inc.
Part # TMM
Download  TMM Download
File Size   981.24 Kbytes
Page   7 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MEMS OSCILLATOR

TMM Datasheet (PDF)

Go To PDF Page Download Datasheet
TMM Datasheet PDF - Transko Electronics, Inc.

Part # TMM
Download  TMM Click to download

File Size   981.24 Kbytes
Page   7 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MEMS OSCILLATOR

TMM Datasheet (HTML) - Transko Electronics, Inc.


TMM Product details

FEATURES ■ APPLICATIONS
• Output frequency from 1M~137MHz • DSC, DVC, DVR, IP CAM, SSD, GPON, EPON, USB
• Low power consumption of 3.5 mA typical at 1.8V • SATA, SAS, Firewire, 100M / 1G / 10G Ethernet
• Available LVCMOS/HCMOS outputs • Tablets, e-Books
• Industry-standard packages: 2.0x1.6, 2.5x2.0, 3.2x2.5, 5.0x3.2, 7.0x5.0
• RoHS and REACH compliant, Pb-free, Halogen-free and Antimony-free




Similar Part No. - TMM

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
TMM SAMTEC-TMM Datasheet
301Kb / 1P
TIGER EYE™ IDC SOCKET CABLE (2.00 mm) .0787" PITCH
TMM SAMTEC-TMM Datasheet
240Kb / 1P
(2.00 mm) .0787" PITCH
Rev 17AUG21
logo
Brady Worldwide, Inc.
TMM-0-49-PK BRADY-TMM-0-49-PK Datasheet
148Kb / 2P
FLEXIBLE FILM TAPE
12/09/1999
logo
Amphenol Corporation
TMM-1-0-20-1 AMPHENOL-TMM-1-0-20-1 Datasheet
58Kb / 2P
TMM CONNECTOR SERIES
TMM-1-L-04-1 AMPHENOL-TMM-1-L-04-1 Datasheet
319Kb / 1P
TMM SERIES SMT FEMALE STRAIGHT
More results


Similar Description - TMM

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
EMEM8002 EUROQUARTZ-EMEM8002 Datasheet
801Kb / 6P
MEMS OSCILLATOR
logo
Jauch Quartz Gmbh
JSO-LC-2.5V JAUCH-JSO-LC-2.5V Datasheet
820Kb / 4P
MEMS-Oscillator
JSO-LC-2.8V JAUCH-JSO-LC-2.8V Datasheet
820Kb / 4P
MEMS-Oscillator
JSO-LC-3.0V JAUCH-JSO-LC-3.0V Datasheet
820Kb / 4P
MEMS-Oscillator
JSO-LC-3.3V JAUCH-JSO-LC-3.3V Datasheet
820Kb / 4P
MEMS-Oscillator
logo
IQD Frequency Products ...
IQMS-141 IQD-IQMS-141 Datasheet
142Kb / 3P
MEMS Oscillator Specification
IQMS-142 IQD-IQMS-142 Datasheet
132Kb / 3P
MEMS Oscillator Specification
IQMS-144 IQD-IQMS-144 Datasheet
133Kb / 3P
MEMS Oscillator Specification
IQMS-146 IQD-IQMS-146 Datasheet
133Kb / 3P
MEMS Oscillator Specification
IQMS-138 IQD-IQMS-138 Datasheet
133Kb / 3P
MEMS Oscillator Specification
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com