Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC259G2-A Datasheet (PDF) - Renesas Technology Corp

UPC259G2-A Datasheet PDF - Renesas Technology Corp
Part # UPC259G2-A
Download  UPC259G2-A Download
File Size   619.04 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance, Low Noise Dual Operational Amplifier

UPC259G2-A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC259G2-A Datasheet PDF - Renesas Technology Corp

Part # UPC259G2-A
Download  UPC259G2-A Click to download

File Size   619.04 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Performance, Low Noise Dual Operational Amplifier

UPC259G2-A Datasheet (HTML) - Renesas Technology Corp


UPC259G2-A Product details

FEATURES
 Input Offset Voltage ±0.5 mV (TYP.)
 Input Offset Current ±5 nA (TYP.)
 Input Bias Current 60 nA (TYP.)
 Slew Rate 2.8 V/μs (TYP.)
 Output Current over 25 mA
 Built-In Phase Compensation Circuit
 Standard Dual Op-Amp terminal connection (pin compatible)




Similar Part No. - UPC259G2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC259G2-AP RENESAS-UPC259G2-AP Datasheet
698Kb / 9P
High Performance, Low Noise Dual Operational Amplifiers
Rev.2.00 Feb.18.25
More results


Similar Description - UPC259G2-A

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2114 NJRC-NJM2114 Datasheet
257Kb / 5P
HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
NJM5532 NJRC-NJM5532 Datasheet
239Kb / 6P
HIGH PERFORMANCE LOW-NOISE DUAL OPERATIONAL AMPLIFIER
NJM5534 NJRC-NJM5534 Datasheet
242Kb / 6P
HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER?
logo
Intersil Corporation
HA-5112 INTERSIL-HA-5112 Datasheet
32Kb / 5P
Dual, Low Noise, High Performance Uncompensated Operational Amplifier
July 1994
logo
Fairchild Semiconductor
RC5532 FAIRCHILD-RC5532 Datasheet
62Kb / 8P
High Performance Dual Low Noise Operational Amplifier
RM5532 FAIRCHILD-RM5532 Datasheet
58Kb / 12P
High Performance Dual Low Noise Operational Amplifier
logo
Intersil Corporation
HA-5101883 INTERSIL-HA-5101883 Datasheet
1Mb / 16P
Low Noise, High Performance Operational Amplifier
August 17, 2005
HA-5102883 INTERSIL-HA-5102883 Datasheet
553Kb / 5P
Dual, Low Noise, High Performance Operational Amplifier
July 1994
HA-5112883 INTERSIL-HA-5112883 Datasheet
101Kb / 5P
Dual, Low Noise, High Performance Uncompensated Operational Amplifier
October 2004
logo
New Japan Radio
NJM5534DD NJRC-NJM5534DD Datasheet
174Kb / 6P
HIGH PERFORMANCE LOW-NOISE OPERATIONAL AMPLIFIER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com