Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2184 Datasheet (PDF) - International Rectifier

IRS2184 Datasheet PDF - International Rectifier
Part # IRS2184
Download  IRS2184 Download
File Size   518.88 Kbytes
Page   26 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALF-BRIDGE DRIVER

IRS2184 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRS2184 Datasheet PDF - International Rectifier

Part # IRS2184
Download  IRS2184 Click to download

File Size   518.88 Kbytes
Page   26 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HALF-BRIDGE DRIVER

IRS2184 Datasheet (HTML) - International Rectifier


IRS2184 Product details

Description

The IRS2184/IRS21844 are high voltage, high speed power MOSFET and IGBT drivers with dependent high-side and low-side referenced output channels. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic.



Features

· Floating channel designed for bootstrap operation

· Fully operational to +600 V

· Tolerant to negative transient voltage, dV/dt immune

· Gate drive supply range from 10 V to 20 V

· Undervoltage lockout for both channels

· 3.3 V and 5 V input logic compatible

· Matched propagation delay for both channels

· Logic and power ground +/- 5 V offset

· Lower di/dt gate driver for better noise immunity

· Output source/sink current capability 1.4 A/1.8 A

· RoHS compliant



 




Similar Part No. - IRS2184

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2184 IRF-IRS2184 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2184 IRF-IRS2184 Datasheet
1Mb / 30P
HALF-BRIDGE DRIVER
IRS2184 IRF-IRS2184 Datasheet
888Kb / 21P
HIGH- AND LOW-SIDE DRIVER
logo
Infineon Technologies A...
IRS2184 INFINEON-IRS2184 Datasheet
528Kb / 30P
HALF-BRIDGE DRIVER
Data Sheet No. PD60252 revA
logo
International Rectifier
IRS21844 IRF-IRS21844 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
More results


Similar Description - IRS2184

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com