Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1106 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1106 Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1106
Download  MM1106 Download
File Size   89.16 Kbytes
Page   5 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description System Reset (with watchdog timerbattery back-up)

MM1106 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1106 Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1106
Download  MM1106 Click to download

File Size   89.16 Kbytes
Page   5 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description System Reset (with watchdog timerbattery back-up)

MM1106 Datasheet (HTML) - Mitsumi Electronics, Corp.


MM1106 Product details

Outline
This IC combines the popular watchdog timer with a battery back-up, resulting in an IC that is easier to use. The watchdog timer has a built-in power ON reset function, and both the timer and the battery back-up section have low current consumption.

Features
1. Low current consumption 270µA typ.
2. Watchdog timer
   Detection voltage 4.2V typ.
   CT charging current -0.24µA typ.
3. CS
   CS detection voltage 4.4V typ.
   Output voltage low level 0.1V typ.
4. Battery back-up
   Power supply switching voltage 3.3V typ.
   Input/output voltage difference (normal) 0.3V typ.
   Input/output voltage difference (back-up) 0.3V typ.
   Loss current (current consumption for back-up) 0.1µA typ.

Applications
1. Fax machines
2. Photocopiers
3. Air conditioners
4. Control equipment
5. Sequencers, etc.




Similar Part No. - MM1106

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MM110 WEITRON-MM110 Datasheet
209Kb / 3P
Surface Mount Schottky Diodes
logo
Mitsumi Electronics, Co...
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
Compander IC Monolithic IC MM1100
MM1102 MITSUMI-MM1102 Datasheet
268Kb / 10P
Monolithic IC
MM1104 MITSUMI-MM1104 Datasheet
114Kb / 4P
Monolithic IC
MM1104AF MITSUMI-MM1104AF Datasheet
114Kb / 4P
Monolithic IC
More results


Similar Description - MM1106

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1095BF MITSUMI-MM1095BF Datasheet
171Kb / 7P
System Reset (with built-in watchdog timer)
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510 Datasheet
157Kb / 12P
Micropower uP Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
PST620 MITSUMI-PST620 Datasheet
193Kb / 6P
System Reset (with battery back-up) Monolithic IC
MM1142 MITSUMI-MM1142 Datasheet
135Kb / 5P
System Reset (with built-in watchdog timer)
MM1025 MITSUMI-MM1025 Datasheet
63Kb / 6P
System Reset (with battery back-up) Monolithic IC
MM1027 MITSUMI-MM1027 Datasheet
121Kb / 11P
System Reset (with battery back-up) Monolithic IC
logo
Mitsubishi Electric Sem...
M62050P MITSUBISHI-M62050P Datasheet
50Kb / 4P
3V supply SYSTEM RESET with watchdog timer
logo
NXP Semiconductors
NE56605-42 PHILIPS-NE56605-42 Datasheet
176Kb / 16P
System reset with built-in watchdog timer
2001 Aug 22
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
Micropower uP Reset with Watchdog Timer
3510.2006.03.1.7
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
SYSTEM RESET IC WITH WATCHDOG TIMER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com