Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT107D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT107D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT107D
Download  74HCT107D Download
File Size   259.73 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual JK flip-flop with reset; negative-edge trigger

74HCT107D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT107D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT107D
Download  74HCT107D Click to download

File Size   259.73 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual JK flip-flop with reset; negative-edge trigger

74HCT107D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT107D Product details

1. General description
The 74HC107; 74HCT107 is a dual negative edge triggered JK flip-flop featuring individual J and
K inputs, clock (CP) and reset (R) inputs and complementary Q and Q outputs. The reset is an
asynchronous active LOW input and operates independently of the clock input. The J and K inputs
control the state changes of the flip-flops as described in the mode select function table. The J and
K inputs must be stable one set-up time prior to the HIGH-to-LOW clock transition for predictable
operation. Inputs include clamp diodes that enable the use of current limiting resistors to interface
inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• CMOS low power dissipation
• High noise immunity
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level B
• Complies with JEDEC standards:
• JESD8C (2.7 V to 3.6 V)
• JESD7A (2.0 V to 6.0 V)
• Input levels:
• The 74HC107: CMOS levels
• The 74HCT107: TTL levels
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HCT107D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT107D PHILIPS-74HCT107D Datasheet
53Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HCT107D-Q100 NEXPERIA-74HCT107D-Q100 Datasheet
747Kb / 17P
Dual JK flip-flop with reset; negative-edge trigger
74HCT107D-Q100 NEXPERIA-74HCT107D-Q100 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
logo
NXP Semiconductors
74HCT107DB PHILIPS-74HCT107DB Datasheet
53Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
December 1990
More results


Similar Description - 74HCT107D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC107 PHILIPS-74HC107 Datasheet
53Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
December 1990
74HC112 PHILIPS-74HC112 Datasheet
106Kb / 15P
Dual JK flip-flop with set and reset; negative-edge trigger
1998 Jun 10
74HC73 PHILIPS-74HC73 Datasheet
52Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 03-12 November 2004
74LV107 PHILIPS-74LV107 Datasheet
121Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
1998 Apr 20
74HC73 NXP-74HC73 Datasheet
457Kb / 16P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 04-19 March 2008
logo
Nexperia B.V. All right...
74HC107-Q100 NEXPERIA-74HC107-Q100 Datasheet
747Kb / 17P
Dual JK flip-flop with reset; negative-edge trigger
74HC73-Q100 NEXPERIA-74HC73-Q100 Datasheet
221Kb / 12P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 1 - 4 December 2020
74HC73 NEXPERIA-74HC73 Datasheet
245Kb / 13P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 7 - 13 September 2021
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
74HCT112 NEXPERIA-74HCT112 Datasheet
267Kb / 16P
Dual JK flip-flop with set and reset; negative-edge trigger
Rev. 4 - 11 January 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com