Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT3G04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT3G04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT3G04
Download  74HCT3G04 Download
File Size   212.92 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple inverter

74HCT3G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT3G04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT3G04
Download  74HCT3G04 Click to download

File Size   212.92 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple inverter

74HCT3G04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT3G04 Product details

1. General description
The 74HC3G04; 74HCT3G04 is a triple inverter. Inputs include clamp diodes. This enables the use
of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
• For 74HC3G04: CMOS level
• For 74HCT3G04: TTL level
• Symmetrical output impedance
• High noise immunity
• Low power dissipation
• Balanced propagation delays
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HCT3G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT3G04 PHILIPS-74HCT3G04 Datasheet
82Kb / 17P
Inverter
2003 Oct 30
74HCT3G04 NXP-74HCT3G04 Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
logo
Nexperia B.V. All right...
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
Triple inverter
Rev. 3 - 26 November 2018
logo
NXP Semiconductors
74HCT3G04DC PHILIPS-74HCT3G04DC Datasheet
82Kb / 17P
Inverter
2003 Oct 30
74HCT3G04DC NXP-74HCT3G04DC Datasheet
91Kb / 13P
Inverter
Rev. 03-2 July 2008
More results


Similar Description - 74HCT3G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
Triple inverter
Rev. 01-4 May 2004
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
Triple Inverter
August, 2002 ??Rev. 2
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
TRIPLE INVERTER
Rev. 03-01 February 2005
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
TRIPLE INVERTER
Jun-2003
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
Triple Inverter
logo
Texas Instruments
SN74AHC2GU04 TI1-SN74AHC2GU04 Datasheet
74Kb / 5P
TRIPLE INVERTER
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
Triple Inverter
March, 2015 ??Rev. 7
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
Triple inverter
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_V01 Datasheet
327Kb / 12P
Triple Inverter
October, 2020 - Rev. 9
logo
Nexperia B.V. All right...
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
Triple inverter
Rev. 3 - 26 November 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com