Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT5.5MB Datasheet (PDF) - Transko Electronics, Inc.

LT5.5MB Datasheet PDF - Transko Electronics, Inc.
Part # LT5.5MB
Download  LT5.5MB Download
File Size   370.73 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC FILTER (MHz band, 3pins)

LT5.5MB Datasheet (PDF)

Go To PDF Page Download Datasheet
LT5.5MB Datasheet PDF - Transko Electronics, Inc.

Part # LT5.5MB
Download  LT5.5MB Click to download

File Size   370.73 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC FILTER (MHz band, 3pins)

LT5.5MB Datasheet (HTML) - Transko Electronics, Inc.


LT5.5MB Product details

FEATURES:
 LOW SPURIOUS TYPE
 4.5 / 5.5 / 6.0 / 6.5 MHz ARE AVAILABLE




Similar Part No. - LT5.5MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT5.5MB ETC2-LT5.5MB Datasheet
140Kb / 1P
CERAMIC FOR FILTER TV/VTR
logo
Token Electronics Indus...
LT5.5MB TOKEN-LT5.5MB Datasheet
321Kb / 3P
LT MB Ceramic Filters for TV/VCR Stage
LT5.5MBP TOKEN-LT5.5MBP Datasheet
321Kb / 3P
LT MB Ceramic Filters for TV/VCR Stage
More results


Similar Description - LT5.5MB

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
ZTA VANLONG-ZTA Datasheet
36Kb / 1P
MHz-Band Ceramic Resonator
ZTAC VANLONG-ZTAC Datasheet
37Kb / 1P
MHz-Band Ceramic Resonator
ZTT VANLONG-ZTT Datasheet
38Kb / 1P
MHz-Band Ceramic Resonator
ZTTC VANLONG-ZTTC Datasheet
41Kb / 1P
MHz-Band Ceramic Resonator
logo
Johanson Technology Inc...
2450BP07A0100 JOHANSON-2450BP07A0100 Datasheet
128Kb / 2P
2450 MHz Band Pass Filter
logo
Transko Electronics, In...
8ZTT TRANSKO-8ZTT Datasheet
405Kb / 1P
CERAMIC THROUGH HOLE RESONATORS - 3PINS
Rev.1: Jul. 2014
10.7M TRANSKO-10.7M Datasheet
375Kb / 1P
CERAMIC FILTER (10.7MHz Series, 3pins)
Rev. 1: Jul. 2014
LT450_455U TRANSKO-LT450_455U Datasheet
284Kb / 2P
CERAMIC FILTER (3pins)
Rev 3: 02-10-2023
LTT TRANSKO-LTT Datasheet
371Kb / 1P
CERAMIC FILTER (MHz band, 4pins)
Rev. 1: Jul. 2014
XTM TRANSKO-XTM Datasheet
368Kb / 1P
CERAMIC TRAP (3pins type)
Rev. 1: Jul. 2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com