Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT1110 Datasheet (PDF) - List of Unclassifed Manufacturers

MT1110 Datasheet PDF - List of Unclassifed Manufacturers
Part # MT1110
Download  MT1110 Download
File Size   294.09 Kbytes
Page   9 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 75??BROADBAND AMPLIFIER

MT1110 Datasheet (PDF)

Go To PDF Page Download Datasheet
MT1110 Datasheet PDF - List of Unclassifed Manufacturers

Part # MT1110
Download  MT1110 Click to download

File Size   294.09 Kbytes
Page   9 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 75??BROADBAND AMPLIFIER

MT1110 Datasheet (HTML) - List of Unclassifed Manufacturers


MT1110 Product details

[MICROTUNE]

OVERVIEW
The Microtune 1110 (MT1110) broadband amplifier is a 75Ω internally matched amplifier designed for broadband CATV distribution and infrastructure applications. The MT1110 is built using high performance silicon-germanium (SiGe) technology and offers 15 dB gain with an industry best noise figure of 3.0 dB. It achieves a third order intercept point of 80 dBmV while drawing the industry’s lowest current, 70 mA, from a single 5V supply.

FEATURES
• Cascadable 75Ω gain block
• 15 dB Gain
• 3 dB Noise figure
• Unconditionally stable
• 20 dB Input return loss
• 1 MHz to 2000 MHz 3 dB bandwidth
• +0.5 dB Gain tilt from 50 MHz to 850 MHz
• Typical OIP3 at 70 mA is 80 dBmV at 850 MHz
• Single +5V supply
• 70 mA Current consumption
• SOT-89 Package
• Industry standard pin-out for drop in compatibility

APPLICATIONS
• Set-top box
• Home gateways
• CATV Broadband distribution
• Cable splitters
• Laser drivers
• Optical receivers




Similar Part No. - MT1110

ManufacturerPart #DatasheetDescription
logo
Microtune,Inc
MT1110 MICROTUNE-MT1110 Datasheet
244Kb / 2P
The MT2060-STV0297-RD is an inexpensive, integrated tuner- demodulator Reference Design solution for DVB-C applications
MT1110 MICROTUNE-MT1110 Datasheet
84Kb / 2P
RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
More results


Similar Description - MT1110

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
HE321D BOWEI-HE321D Datasheet
114Kb / 1P
Broadband Amplifier
HE361B BOWEI-HE361B Datasheet
111Kb / 1P
Broadband Amplifier
HE364B BOWEI-HE364B Datasheet
119Kb / 1P
Broadband Amplifier
HE382B BOWEI-HE382B Datasheet
109Kb / 1P
Broadband Amplifier
HE383B BOWEI-HE383B Datasheet
105Kb / 1P
Broadband Amplifier
HE386B BOWEI-HE386B Datasheet
109Kb / 1P
Broadband Amplifier
HE387C BOWEI-HE387C Datasheet
108Kb / 1P
Broadband Amplifier
HE575A BOWEI-HE575A Datasheet
62Kb / 1P
Broadband Amplifier
HE861 BOWEI-HE861 Datasheet
106Kb / 1P
Broadband Amplifier
HE871 BOWEI-HE871 Datasheet
105Kb / 1P
Broadband Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com