Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5414 Datasheet (PDF) - Silicon Mitus, Inc.

SM5414 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5414
Download  SM5414 Download
File Size   218.6 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 1-Cell Li-Ion Switching Charger with Intelligent Power-Path, 2.5 A Charge Current with Dual-Output

SM5414 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5414 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5414
Download  SM5414 Click to download

File Size   218.6 Kbytes
Page   2 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description 1-Cell Li-Ion Switching Charger with Intelligent Power-Path, 2.5 A Charge Current with Dual-Output

SM5414 Datasheet (HTML) - Silicon Mitus, Inc.


SM5414 Product details

Features
 Dual-Path Output to Power-up System in Dead Battery
 Single Input for USB/TA
 High-Efficiency Synchronous Switching Regulator
 20 V Maximum Withstanding Input Voltage
 OVP Selectable over I2C
 Minimize Charging Time with Remote Sense
 Up to 2.5 A Load Current for System or Battery
 Programmable Charge Parameters via I2C Compatible Interface . Fast Charge Current . Charge Termination Current . Battery Regulation Voltage . Pre-charge Current . Fast Charge Threshold Voltage . Charge Reduction Threshold Voltage
 400 kHz Full-Speed I2C Interface
 1.5 MHz Switching Frequency
 Charge Reduction Mode for Maximizing Charging Efficiency
 Protection . Thermal Protection
. Thermal Regulation . Input / Output Overvoltage Protection
. Adaptive Input Current Limit Protection (AICL) . Reverse Leakage Protection
. No Battery Detection over Pin Detection
. Battery OVP Protection
. Over-Current Protection in Discharge Mode
 Boost Mode Operation for USB OTG . Output Voltage: 5.0 V to 5.2 V, Programmable at 900 mA
 25-bump 2.08 mm x 2.08 mm WLCSP Package
Applications
 Mobile and Smart Phones
 Tablets
 Portable Devices




Similar Part No. - SM5414

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SM541 KODENSHI-SM541 Datasheet
253Kb / 3P
LAMP LED
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
LED Lamp
SM5411B AUK-SM5411B Datasheet
166Kb / 3P
LED Lamp
More results


Similar Description - SM5414

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24270 TI-BQ24270 Datasheet
1Mb / 38P
1.5A, Singe Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
logo
Richtek Technology Corp...
RT9503 RICHTEK-RT9503 Datasheet
340Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9503A RICHTEK-RT9503A Datasheet
347Kb / 15P
Fully Integrated Linear Single Cell Li-Ion Battery Charger with Power Path
RT9525 RICHTEK-RT9525 Datasheet
431Kb / 15P
Linear Single Cell Li-Ion Battery Charger with Auto Power Path
logo
Texas Instruments
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
logo
Freescale Semiconductor...
FRDM-BC3770-EVM FREESCALE-FRDM-BC3770-EVM Datasheet
3Mb / 44P
fully programmable switching charger with dual-path output for single-cell Li-Ion and Li-Polymer battery.
logo
NXP Semiconductors
MC32BC3770 NXP-MC32BC3770 Datasheet
1Mb / 45P
2.0 A switch-mode charger with intelligent power-path for 1-cell li-ion battery
Rev. 1.0, 7/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com