Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ER136CUMA-12A/SQ Datasheet (PDF) - Teledyne Technologies Incorporated

ER136CUMA-12A/SQ Datasheet PDF - Teledyne Technologies Incorporated
Part # ER136CUMA-12A/SQ
Download  ER136CUMA-12A/SQ Download
File Size   612.55 Kbytes
Page   5 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description CENTIGRID® ESTABLISHED RELIABILITY MILITARY DPDT SENSITIVE CMOS COMPATIBLE

ER136CUMA-12A/SQ Datasheet (PDF)

Go To PDF Page Download Datasheet
ER136CUMA-12A/SQ Datasheet PDF - Teledyne Technologies Incorporated

Part # ER136CUMA-12A/SQ
Download  ER136CUMA-12A/SQ Click to download

File Size   612.55 Kbytes
Page   5 Pages
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description CENTIGRID® ESTABLISHED RELIABILITY MILITARY DPDT SENSITIVE CMOS COMPATIBLE

ER136CUMA-12A/SQ Datasheet (HTML) - Teledyne Technologies Incorporated


ER136CUMA-12A/SQ Product details

DESCRIPTION
The sensitive 136C Centigrid® relay is an ultraminiature, hermetically
sealed, armature relay capable of being directly driven by most IC logic
families. Its .100” grid spaced terminals, which preclude the need for
spreader pads, make it ideal for applications where extreme packaging
density and/or close PC board spacing are required.
The basic concept and internal mechanical structure are similar to the 134
DPDT relay. The following unique construction features and manufacturing
techniques provide overall high reliability and excellent resistance to
environmental extremes:

The 136C feature:
• All welded construction.
• Advanced cleaning techniques provide maximum assurance of internal
cleanliness.
• Unique uni-frame design providing high magnetic efficiency and
mechanical rigidity.
• High force/mass ratios for resistance to shock and vibration.
• Precious metal alloy contact material with gold plating assures excellent
high current and dry circuit switching capabilities.
• Low operating power
By virtue of its inherently low intercontact capacitance and contact circuit
losses, the 136C relay has proven to be an excellent ultraminiature RF
switch for frequency ranges well into the UHF spectrum. A typical RF
application for this Centigrid® relay is in handheld radio transceivers,
wherein the combined features of good RF performance, small size, low
coil power dissipation and high reliability make it a preferred method of
Transmit-Receive switching.
The Series 136C utilizes an internal silicon diode for coil suppression,
a Zener diode to protect the MOSFET gate input, and an N-channel
enhancement mode MOSFET chip, which enables direct relay interfacing
with most Microprocessor and IC logic families (CMOS, TTL and MOS).




Similar Part No. - ER136CUMA-12A/SQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ER13150 ETC2-ER13150 Datasheet
129Kb / 2P
Primary lithium batteries
logo
Nichicon corporation
ER132261DD1 NICHICON-ER132261DD1 Datasheet
445Kb / 1P
Film Capacitors for Power Electronics
ER132261DD1 NICHICON-ER132261DD1 Datasheet
444Kb / 1P
For DC Filter, SH Type, Safety mechanism Dry type
logo
Willow Technologies Ltd
ER134ZM4-26A/SQ WILLOW-ER134ZM4-26A/SQ Datasheet
142Kb / 6P
All welded construction
More results


Similar Description - ER136CUMA-12A/SQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ESS VISHAY-ESS Datasheet
160Kb / 2P
Wirewound Resistors, Military/Established Reliability
23-Sep-02
logo
Teledyne Technologies I...
J412-12WM TELEDYNE-J412-12WM Datasheet
142Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
M3901615-033L TELEDYNE-M3901615-033L Datasheet
142Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS DPDT
J134D-5M TELEDYNE-J134D-5M Datasheet
142Kb / 6P
CENTIGRID ESTABLISHED RELIABILITY RELAYS
J114D-26M TELEDYNE-J114D-26M Datasheet
146Kb / 6P
CENTIGRID ESTABLISHED RELIABILITY RELAYS
logo
Vishay Siliconix
M3900633 VISHAY-M3900633 Datasheet
90Kb / 7P
Wet Tantalum Capacitors, Extended Capacitance, Military Established Reliability Military MIL-PRF-M39006/33 Qualified, Style CLR93
12-Nov-2019
logo
Teledyne Technologies I...
420 TELEDYNE-420 Datasheet
748Kb / 6P
TO-5 RELAYS ESTABLISHED RELIABILITY MILITARY DPDT
07/2021
S114 TELEDYNE-S114 Datasheet
399Kb / 4P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
S172 TELEDYNE-S172 Datasheet
492Kb / 3P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS DPDT
2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com