Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV16211 Datasheet (PDF) - Nexperia B.V. All rights reserved

74CBTLV16211 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74CBTLV16211
Download  74CBTLV16211 Download
File Size   373.77 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 24-bit bus switch

74CBTLV16211 Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV16211 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74CBTLV16211
Download  74CBTLV16211 Click to download

File Size   373.77 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 24-bit bus switch

74CBTLV16211 Datasheet (HTML) - Nexperia B.V. All rights reserved


74CBTLV16211 Product details

1. General description
The 74CBTLV16211 provides a dual 12-bit high-speed bus switch with separate output
enable inputs (1OE, 2OE). The low on-state resistance of the switch allows connections to
be made with minimal propagation delay. The switch is disabled (high-impedance
OFF-state) when the output enable (nOE) input is HIGH.
To ensure the high-impedance OFF-state during power-up or power-down, 1OE and 2OE
should be tied to the VCC through a pull-up resistor. The minimum value of the resistor is
determined by the current-sinking capability of the driver.
Schmitt trigger action at control input makes the circuit tolerant to slower input rise and fall
times across the entire VCC range from 2.3 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF.
The IOFF circuitry disables the output, preventing the damaging backflow current through
the device when it is powered down.
2. Features and benefits
 Supply voltage range from 2.3 V to 3.6 V
 High noise immunity
 Complies with JEDEC standard:
 JESD8-5 (2.3 V to 2.7 V)
 JESD8-B/JESD36 (2.7 V to 3.6 V)
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 CDM AEC-Q100-011 revision B exceeds 1000 V
 5  switch connection between two ports
 Rail to rail switching on data I/O ports
 CMOS low power consumption
 Latch-up performance exceeds 250 mA per JESD78B Class I level A
 IOFF circuitry provides partial Power-down mode operation
 TSSOP56 packages: SOT364-1 and SOT481-2
 Specified from 40 C to +85 C and 40 C to +125 C




Similar Part No. - 74CBTLV16211

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74CBTLV16211 RENESAS-74CBTLV16211 Datasheet
277Kb / 6P
LOW-VOLTAGE 24-BIT BUS SWITCH
JUNE 2019
logo
Texas Instruments
74CBTLV16211CGRDR TI-74CBTLV16211CGRDR Datasheet
303Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
74CBTLV16211CZRDR TI-74CBTLV16211CZRDR Datasheet
303Kb / 11P
LOW-VOLTAGE 24-BIT FET BUS SWITCH
logo
Nexperia B.V. All right...
74CBTLV16211DGG NEXPERIA-74CBTLV16211DGG Datasheet
374Kb / 18P
24-bit bus switch
74CBTLV16211DGV NEXPERIA-74CBTLV16211DGV Datasheet
374Kb / 18P
24-bit bus switch
More results


Similar Description - 74CBTLV16211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
24-Bit Bus Switch
FST16211 FAIRCHILD-FST16211 Datasheet
287Kb / 8P
24-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
24-Bit Bus Switch
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211_07 Datasheet
304Kb / 8P
24-Bit Bus Switch
logo
Texas Instruments
SN74CBT16211 TI-SN74CBT16211 Datasheet
68Kb / 5P
24-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
24-Bit Bus Switch
logo
NXP Semiconductors
74CBTLV16211 PHILIPS-74CBTLV16211_15 Datasheet
158Kb / 16P
24-bit bus switch
Rev. 6-15 December 2011
logo
ON Semiconductor
FSLV16211 ONSEMI-FSLV16211 Datasheet
431Kb / 9P
24-Bit Bus Switch
October 2010 Rev. 1.0.2
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
24-Bit Bus Switch
Revised July 2002
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
24-bit bus switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com