Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE-LPI-X Datasheet (PDF) - Greystone Energy Systems Inc.

AE-LPI-X Datasheet PDF - Greystone Energy Systems Inc.
Part # AE-LPI-X
Download  AE-LPI-X Download
File Size   434.84 Kbytes
Page   4 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description MISCELLANEOUS CONTROL DEVICES

AE-LPI-X Datasheet (PDF)

Go To PDF Page Download Datasheet
AE-LPI-X Datasheet PDF - Greystone Energy Systems Inc.

Part # AE-LPI-X
Download  AE-LPI-X Click to download

File Size   434.84 Kbytes
Page   4 Pages
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.
Description MISCELLANEOUS CONTROL DEVICES

AE-LPI-X Datasheet (HTML) - Greystone Energy Systems Inc.


AE-LPI-X Product details

DESCRIPTION:
The PSR-1 is a Light Sensitive Resistor that may be used as
an input to indicate the presence of light at the sensor
location. The PSR-1-T is a PSR-1 coupled with a B420-P
transmitter. The PSR-1-T produces a 4 - 20mA output
signal. The sensor is designed to be mounted in the end
of a weatherproof conduit box.

APPLICATION:
The PSR-1 has a resistance in darkness in excess of 1 M
and resistance in bright light of less than 1.5 k.
The PSR-1 and PSR-1-T indicate the presence or absence
of light. They should not be used for foot-candle control of
occupied spaces. The PSR-1-T is calibrated for 4mA in
bright light > 100 foot-candles and 20mA in darkness <
0.1 foot-candles.




Similar Part No. - AE-LPI-X

ManufacturerPart #DatasheetDescription
logo
Bogen Communications LL...
AE-10 BOGEN-AE-10 Datasheet
204Kb / 2P
Compact Subwoofer System
2017
logo
COTEK ELECTRONIC IND. C...
AE-1500 COTEK-AE-1500 Datasheet
1Mb / 7P
1500W Programmable Single Output
23/05/18
AE-1500-12 COTEK-AE-1500-12 Datasheet
1Mb / 7P
1500W Programmable Single Output
23/05/18
AE-1500-15 COTEK-AE-1500-15 Datasheet
1Mb / 7P
1500W Programmable Single Output
23/05/18
AE-1500-24 COTEK-AE-1500-24 Datasheet
1Mb / 7P
1500W Programmable Single Output
23/05/18
More results


Similar Description - AE-LPI-X

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M24758-16-16-04 GLENAIR-M24758-16-16-04 Datasheet
79Kb / 2P
Adapter for Miscellaneous Fittings
logo
List of Unclassifed Man...
A465 ETC2-A465 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE-ACCESSORIES
A632-3 ETC2-A632-3 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE ACCESSORIES
A180-6 ETC2-A180-6 Datasheet
654Kb / 16P
MISCELLANEOUS HARDWARE ACCESSORIES
logo
Fair-Rite Products Corp...
2643175451 FAIR-RITE-2643175451 Datasheet
606Kb / 2P
Miscellaneous Suppression Cores
2643167851 FAIR-RITE-2643167851 Datasheet
615Kb / 2P
Miscellaneous Suppression Cores
2643165151 FAIR-RITE-2643165151 Datasheet
608Kb / 2P
Miscellaneous Suppression Cores
2677006302 FAIR-RITE-2677006302 Datasheet
693Kb / 2P
Miscellaneous Suppression Cores
logo
List of Unclassifed Man...
S44238 ETC2-S44238 Datasheet
58Kb / 2P
Miscellaneous Communications Products
logo
Greystone Energy System...
DES GREYSTONE-DES Datasheet
434Kb / 4P
MISCELLANEOUS CONTROL DEVICES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com