Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5402UH Datasheet (PDF) - Belden Inc.

5402UH Datasheet PDF - Belden Inc.
Part # 5402UH
Download  5402UH Download
File Size   142.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 4 Conductor 20 AWG, TC, CMR

5402UH Datasheet (PDF)

Go To PDF Page Download Datasheet
5402UH Datasheet PDF - Belden Inc.

Part # 5402UH
Download  5402UH Click to download

File Size   142.33 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 4 Conductor 20 AWG, TC, CMR

5402UH Datasheet (HTML) - Belden Inc.


5402UH Product details

Product Description
Security & Sound Cable, 4 Conductor 20 AWG stranded (7x28) tinned copper conductors with polyolefin insulation, PVC jacket with ripcord, Riser rated.




Similar Part No. - 5402UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5402UE BELDEN-5402UE Datasheet
155Kb / 2P
Security & Sound, #20-4c, BC, CMR
03-04-2023
5402UE-0081000 BELDEN-5402UE-0081000 Datasheet
155Kb / 2P
Security & Sound, #20-4c, BC, CMR
03-04-2023
5402UE-008C500 BELDEN-5402UE-008C500 Datasheet
155Kb / 2P
Security & Sound, #20-4c, BC, CMR
03-04-2023
5402UE-008U1000 BELDEN-5402UE-008U1000 Datasheet
155Kb / 2P
Security & Sound, #20-4c, BC, CMR
03-04-2023
More results


Similar Description - 5402UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
5302UH BELDEN-5302UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 18 AWG, TC, CMR
12-20-2022
5400FH BELDEN-5400FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
12-20-2022
5400UH BELDEN-5400UH Datasheet
145Kb / 3P
Security & Sound, 2 Conductor 20 AWG, TC, CMR
11-09-2022
5201FH BELDEN-5201FH Datasheet
146Kb / 3P
Security & Sound, 3 Conductor 16 AWG, TC, CMR
12-20-2022
5401UH BELDEN-5401UH Datasheet
142Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMR
12-20-2022
5202UH BELDEN-5202UH Datasheet
144Kb / 2P
Security & Sound, 4 Conductor 16 AWG, TC, CMR
12-20-2022
5301FH BELDEN-5301FH Datasheet
145Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMR
12-20-2022
5401FH BELDEN-5401FH Datasheet
143Kb / 2P
Security & Sound, 3 Conductor 20 AWG, TC, CMR
12-20-2022
5502UH BELDEN-5502UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 22 AWG, TC, CMR
12-20-2022
5301UH BELDEN-5301UH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 18 AWG, TC, CMR
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com