Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6100UH Datasheet (PDF) - Belden Inc.

6100UH Datasheet PDF - Belden Inc.
Part # 6100UH
Download  6100UH Download
File Size   145.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 14 AWG TC, Plenum

6100UH Datasheet (PDF)

Go To PDF Page Download Datasheet
6100UH Datasheet PDF - Belden Inc.

Part # 6100UH
Download  6100UH Click to download

File Size   145.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 14 AWG TC, Plenum

6100UH Datasheet (HTML) - Belden Inc.


6100UH Product details

Product Description
Security & Commercial Audio Cable, 2 Conductor 14 AWG stranded (19x27) tinned copper conductors with Flamarrest® insulation, Plenum, Flamarrest®
jacket with ripcord.




Similar Part No. - 6100UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6100UE BELDEN-6100UE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
6100UE-004U1000 BELDEN-6100UE-004U1000 Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
6100UE-0081000 BELDEN-6100UE-0081000 Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
6100UE-008U1000 BELDEN-6100UE-008U1000 Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
6100UE-008Z1000 BELDEN-6100UE-008Z1000 Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
More results


Similar Description - 6100UH

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6200FH BELDEN-6200FH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 16 AWG TC, Shielded, Plenum
12-20-2022
6200UH BELDEN-6200UH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 16 AWG, TC, Plenum
03-04-2023
6100FH BELDEN-6100FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 14 AWG TC, CL2P
12-20-2022
6300FH BELDEN-6300FH Datasheet
147Kb / 2P
Security & Sound, 2 Conductor 18 AWG, TC, Shielded, Plenum
12-20-2022
6400FH BELDEN-6400FH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 20 AWG TC, Shielded, Plenum
12-20-2022
6300UH BELDEN-6300UH Datasheet
146Kb / 2P
Security & Sound, 2 Conductor 18 AWG TC, Plenum
12-20-2022
5100UH BELDEN-5100UH Datasheet
149Kb / 2P
Security & Sound, 2 Conductor 14 AWG, TC, CMR
04-14-2023
6000UH BELDEN-6000UH Datasheet
142Kb / 2P
Security & Sound, 2 Conductor 12 AWG, TC, Plenum
12-20-2022
6101UH BELDEN-6101UH Datasheet
144Kb / 2P
Security & Sound, 3 Conductor 14 AWG TC, Plenum
12-20-2022
6400UH BELDEN-6400UH Datasheet
144Kb / 2P
Security & Sound, 2 Conductor 20 AWG, TC, Plenum
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com