Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP75 Datasheet (PDF) - Transko Electronics, Inc.

TP75 Datasheet PDF - Transko Electronics, Inc.
Part # TP75
Download  TP75 Download
File Size   296.95 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD PROGRAMMABLE OSCILLATOR (7.0 x 5.0 x 1.5mm)

TP75 Datasheet (PDF)

Go To PDF Page Download Datasheet
TP75 Datasheet PDF - Transko Electronics, Inc.

Part # TP75
Download  TP75 Click to download

File Size   296.95 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description MINIATURE SMD PROGRAMMABLE OSCILLATOR (7.0 x 5.0 x 1.5mm)

TP75 Datasheet (HTML) - Transko Electronics, Inc.


TP75 Product details

FEATURES:
• CMOS PROGRAMMABLE OSCILLATOR
• SMD PACKAGE WITH CMOS OUTPUT




Similar Part No. - TP75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP75 ETC2-TP75 Datasheet
50Kb / 2P
37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
logo
Astrodyne Corporation
TP75 ASTRODYNE-TP75 Datasheet
322Kb / 4P
75W Triple Output with PFC Function
logo
List of Unclassifed Man...
TP75-12S05 ETC2-TP75-12S05 Datasheet
50Kb / 2P
37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
TP75-12S12 ETC2-TP75-12S12 Datasheet
50Kb / 2P
37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
TP75-12S15 ETC2-TP75-12S15 Datasheet
50Kb / 2P
37 TO 75 WATT WIDE INPUT DC/DC-CONVERTER
More results


Similar Description - TP75

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
XO-0007-OC-TYPE TAITIEN-XO-0007-OC-TYPE Datasheet
231Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
XO-0055-OC-M TAITIEN-XO-0055-OC-M Datasheet
373Kb / 1P
7.0 x 5.0 mm SMD Crystal Oscillator
logo
Transko Electronics, In...
TP75A TRANSKO-TP75A Datasheet
357Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.9mm)
Rev 7: 04-11-2022
CS75 TRANSKO-CS75 Datasheet
232Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (7.0 x 5.0 x 1.1mm)
Rev.4:10-10-19
TCP75 TRANSKO-TCP75 Datasheet
546Kb / 2P
MINIATURE SPREAD SPECTRUM SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Feb. 2015
TP53 TRANSKO-TP53 Datasheet
297Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (5.0 x 3.2 x 1.3mm)
Rev 0: 08-25-2021
TSI75 TRANSKO-TSI75 Datasheet
453Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.7mm)
Rev.4: Mar. 2015
TSM75 TRANSKO-TSM75 Datasheet
426Kb / 1P
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.5mm)
Rev.3: Jan. 2015
TVP TRANSKO-TVP Datasheet
481Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0 x 1.8mm)
Rev. 3: Jun. 2015
TX-T TRANSKO-TX-T Datasheet
315Kb / 2P
TCXO/VCTCXO MINIATURE SMD (5.0 x 3.2 x 1.5mm)
Rev. 2: Jul. 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com