Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM3 Datasheet (PDF) - Transko Electronics, Inc.

TPSM3 Datasheet PDF - Transko Electronics, Inc.
Part # TPSM3
Download  TPSM3 Download
File Size   107.95 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)

TPSM3 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM3 Datasheet PDF - Transko Electronics, Inc.

Part # TPSM3
Download  TPSM3 Click to download

File Size   107.95 Kbytes
Page   1 Pages
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.
Description CERAMIC PECL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)

TPSM3 Datasheet (HTML) - Transko Electronics, Inc.


TPSM3 Product details

FEATURES:
• WIDE FREQUENCY RANGE
• LOW JITTER
• EN/DISABLE PIN AVAILABLE




Similar Part No. - TPSM3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM33606-Q1 TI2-TPSM33606-Q1 Datasheet
3Mb / 47P
TPSM336xx-Q1 Automotive, 3V to 36V Input, 1V to 7V Output, 0.6A, 1A, and 2A, Synchronous Buck Converter Power Module in a HotRod™ QFN Package
REVISED SEPTEMBER 2025
TPSM33606S3QRDNRQ1 TI2-TPSM33606S3QRDNRQ1 Datasheet
3Mb / 47P
TPSM336xx-Q1 Automotive, 3V to 36V Input, 1V to 7V Output, 0.6A, 1A, and 2A, Synchronous Buck Converter Power Module in a HotRod™ QFN Package
REVISED SEPTEMBER 2025
TPSM33606S5QRDNRQ1 TI2-TPSM33606S5QRDNRQ1 Datasheet
3Mb / 47P
TPSM336xx-Q1 Automotive, 3V to 36V Input, 1V to 7V Output, 0.6A, 1A, and 2A, Synchronous Buck Converter Power Module in a HotRod™ QFN Package
REVISED SEPTEMBER 2025
TPSM33610-Q1 TI2-TPSM33610-Q1 Datasheet
3Mb / 47P
TPSM336xx-Q1 Automotive, 3V to 36V Input, 1V to 7V Output, 0.6A, 1A, and 2A, Synchronous Buck Converter Power Module in a HotRod™ QFN Package
REVISED SEPTEMBER 2025
TPSM33610S3QRDNRQ1 TI2-TPSM33610S3QRDNRQ1 Datasheet
3Mb / 47P
TPSM336xx-Q1 Automotive, 3V to 36V Input, 1V to 7V Output, 0.6A, 1A, and 2A, Synchronous Buck Converter Power Module in a HotRod™ QFN Package
REVISED SEPTEMBER 2025
More results


Similar Description - TPSM3

ManufacturerPart #DatasheetDescription
logo
MMD Components
MSH MMD-MSH Datasheet
57Kb / 1P
3.2 X 2.5 Ceramic SMD Oscillator
logo
Transko Electronics, In...
TG32 TRANSKO-TG32 Datasheet
405Kb / 2P
MINIATURE CERAMIC SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev 5: 11-17-2021
CS53B TRANSKO-CS53B Datasheet
255Kb / 1P
MINIATURE CERAMIC SMD CRYSTAL (5.0 x 3.2 x 1.2mm)
Rev 6: 02-07-2022
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
THC32 TRANSKO-THC32 Datasheet
300Kb / 1P
CERAMIC HCSL MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev. 1: Jan. 2020
TIP32 TRANSKO-TIP32 Datasheet
458Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.1mm)
Rev. 3: Aug. 2015
TISM3 TRANSKO-TISM3 Datasheet
314Kb / 1P
CERAMIC LVDS MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 3: 02-02-22
TSM32 TRANSKO-TSM32 Datasheet
298Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (3.2 x 2.5 x 1.2mm)
Rev 7: 02-24-2022
TSMV3 TRANSKO-TSMV3 Datasheet
380Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 3: Jun. 2015
TVM36 TRANSKO-TVM36 Datasheet
162Kb / 1P
CMOS MINIATURE SMD VCXO (3.2 x 2.5 x 1.2mm)
Rev. 0: Jan. 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com