Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G885 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP1G885 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP1G885
Download  74AUP1G885 Download
File Size   263.72 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual function gate

74AUP1G885 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP1G885 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP1G885
Download  74AUP1G885 Click to download

File Size   263.72 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual function gate

74AUP1G885 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP1G885 Product details

1. General description
The 74AUP1G885 provides two functions in one device. The output state of the outputs (1Y, 2Y) is
determined by the inputs (A, B and C). The output 1Y provides the Boolean function: 1Y = A × C.
The output 2Y provides the Boolean function: 2Y = A × B + A × C.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall times
across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing a damaging backflow current through the device when it is powered
down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP1G885

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G885 PHILIPS-74AUP1G885 Datasheet
71Kb / 19P
Low-power dual function gate
Rev.01.00-26 January 2006
74AUP1G885 NXP-74AUP1G885 Datasheet
105Kb / 19P
Low-power dual function gate
Rev. 05-26 June 2009
74AUP1G885DC PHILIPS-74AUP1G885DC Datasheet
71Kb / 19P
Low-power dual function gate
Rev.01.00-26 January 2006
74AUP1G885DC NXP-74AUP1G885DC Datasheet
105Kb / 19P
Low-power dual function gate
Rev. 05-26 June 2009
74AUP1G885GD NXP-74AUP1G885GD Datasheet
105Kb / 19P
Low-power dual function gate
Rev. 05-26 June 2009
More results


Similar Description - 74AUP1G885

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G885 PHILIPS-74AUP1G885 Datasheet
71Kb / 19P
Low-power dual function gate
Rev.01.00-26 January 2006
74AUP1G885 NXP-74AUP1G885 Datasheet
105Kb / 19P
Low-power dual function gate
Rev. 05-26 June 2009
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AUP2G58 NEXPERIA-74AUP2G58 Datasheet
871Kb / 21P
Low-power dual PCB configurable multiple function gate
74AUP2G98 NEXPERIA-74AUP2G98 Datasheet
871Kb / 21P
Low-power dual PCB configurable multiple function gate
74AUP2G57 NEXPERIA-74AUP2G57 Datasheet
871Kb / 21P
Low-power dual PCB configurable multiple function gate
74AUP2G97 NEXPERIA-74AUP2G97 Datasheet
259Kb / 16P
Low-power dual PCB configurable multiple function gate
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
Low-power configurable multiple function gate
74AUP2G57-Q100 NEXPERIA-74AUP2G57-Q100 Datasheet
252Kb / 15P
Low-power dual PCB configurable multiple function gate
Rev. 1 - 8 November 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com