Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G157 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G157 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G157
Download  74AUP2G157 Download
File Size   283.21 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input multiplexer

74AUP2G157 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G157 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G157
Download  74AUP2G157 Click to download

File Size   283.21 Kbytes
Page   20 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power 2-input multiplexer

74AUP2G157 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G157 Product details

1. General description
The 74AUP2G157 is a single 2-input multiplexer which select data from two data inputs (I0 and I1)
under control of a common data select input (S). The state of the common data select input
determines the particular register from which the data comes. The output (Y, Y) presents the
selected data in the true (non-inverted) and complement form. The enable input (E) is active LOW.
When E is HIGH, the output Y is forced LOW and the output Y is forced HIGH regardless of all
other input conditions.
Schmitt trigger action at all inputs makes the circuit tolerant to slower input rise and fall times
across the entire VCC range from 0.8 V to 3.6 V. This device ensures a very low static and dynamic
power consumption across the entire VCC range from 0.8 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G157 NXP-74AUP2G157 Datasheet
113Kb / 20P
Low-power 2-input multiplexer
Rev. 03-2 July 2008
74AUP2G157DC NXP-74AUP2G157DC Datasheet
113Kb / 20P
Low-power 2-input multiplexer
Rev. 03-2 July 2008
74AUP2G157GD NXP-74AUP2G157GD Datasheet
113Kb / 20P
Low-power 2-input multiplexer
Rev. 03-2 July 2008
74AUP2G157GM NXP-74AUP2G157GM Datasheet
113Kb / 20P
Low-power 2-input multiplexer
Rev. 03-2 July 2008
74AUP2G157GT NXP-74AUP2G157GT Datasheet
113Kb / 20P
Low-power 2-input multiplexer
Rev. 03-2 July 2008
More results


Similar Description - 74AUP2G157

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G157 NXP-74AUP1G157 Datasheet
84Kb / 16P
Low-power 2-input multiplexer
Rev. 02-5 February 2008
74AUP1G157 NXP-74AUP1G157_06 Datasheet
82Kb / 16P
Low-power 2-input multiplexer
Rev. 01-9 November 2006
74AUP1G158 NXP-74AUP1G158 Datasheet
93Kb / 16P
Low-power 2-input multiplexer; inverting
Rev. 02-2 July 2009
74AUP2G157 NXP-74AUP2G157 Datasheet
113Kb / 20P
Low-power 2-input multiplexer
Rev. 03-2 July 2008
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
logo
NXP Semiconductors
74AUP1G157 PHILIPS-74AUP1G157_15 Datasheet
264Kb / 20P
Low-power 2-input multiplexer
Rev. 5-22 June 2012
74AUP1G158 PHILIPS-74AUP1G158_15 Datasheet
203Kb / 19P
Low-power 2-input multiplexer; inverting
Rev. 5-3 August 2012
logo
Nexperia B.V. All right...
74AUP1G157-Q100 NEXPERIA-74AUP1G157-Q100 Datasheet
219Kb / 13P
Low-power 2-input multiplexer
Rev. 2 - 4 November 2021
74AUP1G157 NEXPERIA-74AUP1G157 Datasheet
267Kb / 17P
Low-power 2-input multiplexer
Rev. 9 - 18 January 2022
74AUP1G158 NEXPERIA-74AUP1G158 Datasheet
256Kb / 16P
Low-power 2-input multiplexer; inverting
Rev. 7 - 19 October 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com