Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP2G240 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP2G240 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP2G240
Download  74AUP2G240 Download
File Size   285.95 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual inverting buffer/line driver; 3-state

74AUP2G240 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP2G240 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP2G240
Download  74AUP2G240 Click to download

File Size   285.95 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power dual inverting buffer/line driver; 3-state

74AUP2G240 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP2G240 Product details

1. General description
The 74AUP2G240 provides the dual inverting buffer/line driver with 3-state output. The 3-state
output is controlled by the output enable input (nOE). A HIGH level at pin nOE causes the output to
assume a high-impedance OFF-state.
Schmitt-trigger action at all inputs makes the circuit tolerant to slower input rise and fall times
across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
This device has the input-disable feature, which allows floating input signals. The inputs are
disabled when the output enable input nOE is HIGH.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD78 Class II
• Inputs accept voltages up to 3.6 V
• Low-noise overshoot and undershoot < 10 % of VCC
• Input-disable feature allows floating input conditions
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP2G240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G240 NXP-74AUP2G240 Datasheet
116Kb / 20P
Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
74AUP2G240DC NXP-74AUP2G240DC Datasheet
116Kb / 20P
Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
74AUP2G240GD NXP-74AUP2G240GD Datasheet
116Kb / 20P
Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
74AUP2G240GM NXP-74AUP2G240GM Datasheet
116Kb / 20P
Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
74AUP2G240GT NXP-74AUP2G240GT Datasheet
116Kb / 20P
Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
More results


Similar Description - 74AUP2G240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G240 PHILIPS-74AUP1G240 Datasheet
99Kb / 19P
Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP1G240 NXP-74AUP1G240 Datasheet
107Kb / 19P
Low-power inverting buffer/line driver; 3-state
Rev. 01-6 November 2006
74AUP2G240 NXP-74AUP2G240 Datasheet
116Kb / 20P
Low-power dual inverting buffer/line driver; 3-state
Rev. 04-30 June 2009
74LVC2G240 NXP-74LVC2G240 Datasheet
101Kb / 16P
Dual inverting buffer/line driver; 3-state
Rev. 04-29 February 2008
74AHC240 NXP-74AHC240 Datasheet
478Kb / 16P
Octal buffer/line driver; inverting; 3-state
Rev. 2-26 November 2010
74AUP1G240 PHILIPS-74AUP1G240_15 Datasheet
371Kb / 23P
Low-power inverting buffer/line driver; 3-state
Rev. 4-29 June 2012
74AUP2G240 PHILIPS-74AUP2G240_15 Datasheet
298Kb / 25P
Low-power dual inverting buffer/line driver; 3-state
Rev. 8-24 January 2013
logo
Nexperia B.V. All right...
74LVC2G240-Q100 NEXPERIA-74LVC2G240-Q100 Datasheet
213Kb / 13P
Dual inverting buffer/line driver; 3-state
74AUP1G240 NEXPERIA-74AUP1G240 Datasheet
296Kb / 20P
Low-power inverting buffer/line driver; 3-state
Rev. 7 - 20 January 2022
74LVC2G240 NEXPERIA-74LVC2G240 Datasheet
284Kb / 17P
Dual inverting buffer/line driver; 3-state
Rev. 12 - 1 June 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com